Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 215 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 215 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 211Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 212Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 213Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 214Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 215Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 216Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 217Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 218Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 219Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 278 page
background image
DS14217 Rev 1
215/278
STM32U535xx
Electrical characteristics
253
12 bits
47
135
512
68
135
100
140
150
145
220
150
330
155
470
180
10 bits
47
128
512
68
130
100
132
150
134
220
140
330
146
470
160
680
176
5
12
1000
200
1500
240
20
2200
320
8 bits
47
123
5
12
68
124
100
125
150
128
220
130
330
137
470
140
680
157
1000
178
1500
204
2200
250
20
3300
313
4700
400
5
36
6800
546
10000
830
68
1. Specified by design. Not tested in production.
2. BOOSTEN and ANASWVDD configured properly according to VDD and VDDA values.
3. Values without external capacitor.
Table 102. Maximum RAIN for 14-bit ADC1(1)(2) (3) (continued)
Resolution
RAIN max (Ω)
Sampling time [ns]
Sampling cycle at 5 MHz Sampling cycle at 55 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com