Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U535NET3QTR Datasheet(PDF) 222 Page - STMicroelectronics

Part # STM32U535NET3QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U535NET3QTR Datasheet(HTML) 222 Page - STMicroelectronics

Back Button STM32U535NET3QTR Datasheet HTML 218Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 219Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 220Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 221Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 222Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 223Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 224Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 225Page - STMicroelectronics STM32U535NET3QTR Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 278 page
background image
Electrical characteristics
STM32U535xx
222/278
DS14217 Rev 1
See Figure 37: ADC accuracy characteristics, Figure 38: Typical connection diagram when
using the ADC with FT/TT pins featuring analog switch function and General PCB design
guidelines.
6 bits (cont’d)
470
49
3.5
3.5
680
61
1000
79
7.5
1500
106
7.5
2200
146
12.5
3300
207
4700
286
12.5
19.5
6800
404
19.5
39.5
10000
584
39.5
22000
1250
79.5
79.5
33000
1853
814.5
47000
2607
814.5
1. Specified by design. Not tested in production.
2. BOOSTEN and ANASWVDD configured properly according to VDD and VDDA values.
3. Values without external capacitor.
Table 105. Maximum RAIN for 12-bit ADC4(1)(2)(3) (continued)
Resolution
RAIN max (Ω)
Sampling time [ns]
Sampling cycle at 35 MHz
Sampling cycle at 55 MHz
Table 106. 12-bit ADC4 accuracy(1)(2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ET
Total unadjusted error
-
-
±3
±7.5
LSB
EO
Offset error
-
-
±2
±5.5
EG
Gain error
-
-
±2
±6.5
ED
Differential linearity error
-
-
-0.9/+1
-0.9/+1.5
EL
Integral linearity error
-
-
±2
±3.5
ENOB
Effective number of bits
-
9.9
10.9
-
bits
SINAD
Signal-to-noise and distortion ratio
-
61.4
67.4
-
dB
SNR
Signal-to-noise ratio
-
61.6
67.5
-
THD
Total harmonic distortion
-
-
-74
-70
1. Evaluated by characterization for BGA packages. Not tested in production. The values for LQFP packages may differ.
2. ADC DC accuracy values are measured after the internal calibration.
3. The I/O analog switch voltage booster is enabled when VDDA < 2.4 V (BOOSTEN = 1 in SYSCFG_CFGR1 when
VDDA < 2.4 V). This switch is disabled when VDDA ≥ 2.4 V. Resolution = 12 bits, no oversampling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com