Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV64K Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST25TV64K
Description  NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV64K Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST25TV64K Datasheet HTML 41Page - STMicroelectronics ST25TV64K Datasheet HTML 42Page - STMicroelectronics ST25TV64K Datasheet HTML 43Page - STMicroelectronics ST25TV64K Datasheet HTML 44Page - STMicroelectronics ST25TV64K Datasheet HTML 45Page - STMicroelectronics ST25TV64K Datasheet HTML 46Page - STMicroelectronics ST25TV64K Datasheet HTML 47Page - STMicroelectronics ST25TV64K Datasheet HTML 48Page - STMicroelectronics ST25TV64K Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 87 page
background image
The ST25TV16K/64K answers an error code only if the UID is equal to its own UID. If not, no response is
generated. If an error occurs, the ST25TV16K/64K remains in its current state.
The Option_flag is not supported. The Inventory_flag must be set to 0.
Table 75. Select request format
Request SOF
Request_flags
Select
UID
CRC16
Request EOF
-
8 bits
25h
64 bits
16 bits
-
Request parameter:
•
UID
Table 76. Select Block response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter
Table 77. Select response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
03h: the option is not supported
–
0Fh: error with no information given
Figure 19. Select frame exchange between VCD and ST25TV16K/64K
SOF
Select request
VCD
ST25TV16K/64K
EOF
SOF
Select response
EOF
t1
6.4.17
Reset to Ready
On receiving a Reset to Ready command, the ST25TV16K/64K returns to the Ready state if no error occurs. In
the Addressed mode, the ST25TV16K/64K answers an error code only if the UID is equal to its own UID. If not,
no response is generated.
The Option_flag is not supported. The Inventory_flag must be set to 0.
ST25TV16K ST25TV64K
RF Commands
DS11489 - Rev 9
page 45/87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com