Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV64K Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST25TV64K
Description  NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV64K Datasheet(HTML) 2 Page - STMicroelectronics

  ST25TV64K Datasheet HTML 1Page - STMicroelectronics ST25TV64K Datasheet HTML 2Page - STMicroelectronics ST25TV64K Datasheet HTML 3Page - STMicroelectronics ST25TV64K Datasheet HTML 4Page - STMicroelectronics ST25TV64K Datasheet HTML 5Page - STMicroelectronics ST25TV64K Datasheet HTML 6Page - STMicroelectronics ST25TV64K Datasheet HTML 7Page - STMicroelectronics ST25TV64K Datasheet HTML 8Page - STMicroelectronics ST25TV64K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
1
Description
The ST25TV16K and ST25TV64K devices are NFC and RFID tags, with, respectively, 16 and 64 Kbit of
electrically erasable programmable memory (EEPROM). These devices act as a contactless memory accessed
through an RF link, following ISO/IEC 15693 or NFC Forum Type 5 recommendations, and are powered by the
received carrier electromagnetic wave.
1.1
ST25TV16K/64K block diagram
Figure 1. ST25TV16K/64K block diagram
AC0
AC1
RF INTERFACE
28.5pF tuning
capacitance
16 Kbits or 64K bits
user memory
ISO/IEC 15693
protocol and control
Memory control
DIGITAL UNIT
CONTROL
ANALOG FRONT END
EEPROM
System registers
ST25TV16K ST25TV64K
Description
DS11489 - Rev 9
page 2/87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com