Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV64K Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST25TV64K
Description  NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV64K Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST25TV64K Datasheet HTML 9Page - STMicroelectronics ST25TV64K Datasheet HTML 10Page - STMicroelectronics ST25TV64K Datasheet HTML 11Page - STMicroelectronics ST25TV64K Datasheet HTML 12Page - STMicroelectronics ST25TV64K Datasheet HTML 13Page - STMicroelectronics ST25TV64K Datasheet HTML 14Page - STMicroelectronics ST25TV64K Datasheet HTML 15Page - STMicroelectronics ST25TV64K Datasheet HTML 16Page - STMicroelectronics ST25TV64K Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
Table 11. A3SS
-
Command
Read Configuration (cmd code A0h) @08h
Write Configuration (cmd code A1h) @08h
Type
R always, W if RF configuration security session is open and configuration not locked
Bit
Name
Function
Factory Value
b1-b0
PWD_CTRL_A3
00: Area 3 user security session can’t be open by password
01: Area 3 user security session is open by PWD_1
10: Area 3 user security session is open by PWD_2
11: Area 3 user security session is open by PWD_3
00b
b3-b2
RW_PROTECTION_A3
00: Area 3 access: Read always allowed / Write always allowed
01: Area 3 access: Read always allowed, Write allowed if user
security session is open
10: Area 3 access: Read allowed if user security session is open,
Write allowed if user security session is open
11: Area 3 access: Read allowed if user security session is open,
Write always forbidden.
00b
b7-b4
RFU
-
0000b
Note:
Refer to Table 7. System configuration memory map for the A3SS register.
Table 12. A4SS
RF
Command
Read Configuration (cmd code A0h) @0Ah
Write Configuration (cmd code A1h) @0Ah
Type
R always, W if configuration security session is open and configuration not locked
Bit
Name
Function
Factory Value
b1-b0
PWD_CTRL_A4
00: Area 4 user security session can’t be open by password
01: Area 4 user security session is open by PWD_1
10: Area 4 user security session is open by PWD_2
11: Area 4 user security session is open by PWD_3
00b
b3-b2
RW_PROTECTION_A4
00: Area 4 access: Read always allowed, Write always allowed
01: Area 4 access: Read always allowed, Write allowed if user
security session is open
10: Area 4 access: Read allowed if user security session is open,
Write allowed if user security session is open
11: Area 4 access: Read allowed if user security session is open,
Write always forbidden
00b
b7-b4
RFU
-
0000b
Note:
Refer to Table 7. System configuration memory map for the A4SS register.
ST25TV16K ST25TV64K
Data Protection
DS11489 - Rev 9
page 13/87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com