Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV64K Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST25TV64K
Description  NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV64K Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST25TV64K Datasheet HTML 17Page - STMicroelectronics ST25TV64K Datasheet HTML 18Page - STMicroelectronics ST25TV64K Datasheet HTML 19Page - STMicroelectronics ST25TV64K Datasheet HTML 20Page - STMicroelectronics ST25TV64K Datasheet HTML 21Page - STMicroelectronics ST25TV64K Datasheet HTML 22Page - STMicroelectronics ST25TV64K Datasheet HTML 23Page - STMicroelectronics ST25TV64K Datasheet HTML 24Page - STMicroelectronics ST25TV64K Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
Table 24. MEM_SIZE
Bit
Command
Ext Get System Info (cmd code 3Bh)
Type
RO
Name
Function
Factory Value
b7-b0
MEM_SIZE
LSB byte of the memory size expressed in blocks
FFh
b7-b0
MSB byte of the memory size expressed in blocks
01h
07h
Note:
Refer to Table 7. System configuration memory map for the MEM_SIZE register.
Table 25. BLK_SIZE
Bit
Command
Ext Get System Info (cmd code 3Bh)
Type
RO
Name
Function
Factory Value
b7-b0
BLK_SIZE
user memory block size
03h
Note:
Refer to Table 7. System configuration memory map for the BLK_SIZE register.
Table 26. IC_REF
Bit
Command
Get System Info (cmd code 2Bh)
Ext Get System Info (cmd code 3Bh)
Type
RO
Name
Function
Factory Value
b7-b0
IC_REF
ISO/IEC 15693 IC Reference
48h
Note:
Refer to Table 7. System configuration memory map for the IC_REF register.
Table 27. UID
Bit
Command
Inventory (cmd code 01h)
Get System Info (cmd code 2Bh)
Ext Get System Info (cmd code 3Bh)
Type
RO
Name
Function
Factory Value
b7-b0
UID
ISO/IEC 15693 UID byte 0 (LSB)
IC manufacturer
serial number
b7-b0
ISO/IEC 15693 UID byte 1
b7-b0
ISO/IEC 15693 UID byte 2
b7-b0
ISO/IEC 15693 UID byte 3
b7-b0
ISO/IEC 15693 UID byte 4
b7-b0
ISO/IEC 15693 UID byte 5: ST Product code
48h
b7-b0
ISO/IEC 15693 UID byte 6: IC Mfg code
02h
b7-b0
ISO/IEC 15693 UID byte 7 (MSB)
E0h
Note:
Refer to Table 7. System configuration memory map for the UID register.
ST25TV16K ST25TV64K
Device Parameter Registers
DS11489 - Rev 9
page 21/87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com