Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV64K Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST25TV64K
Description  NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV64K Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST25TV64K Datasheet HTML 49Page - STMicroelectronics ST25TV64K Datasheet HTML 50Page - STMicroelectronics ST25TV64K Datasheet HTML 51Page - STMicroelectronics ST25TV64K Datasheet HTML 52Page - STMicroelectronics ST25TV64K Datasheet HTML 53Page - STMicroelectronics ST25TV64K Datasheet HTML 54Page - STMicroelectronics ST25TV64K Datasheet HTML 55Page - STMicroelectronics ST25TV64K Datasheet HTML 56Page - STMicroelectronics ST25TV64K Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 87 page
background image
Bit
Flag name
Value
Description
b7
CSI Information
1
Request of CSI list
b8
Extended Get System Info parameter Field
0
One byte length of Extended Get System Info parameter field
Table 98. Extended Get System Info response format when Error_flag is NOT set
Response SOF
Response_flags
Information flags
UID
DSFID (1) (2)
AFI(1)(2)
Other Field(1)(2)
CRC16
Response EOF
-
00h
8 bits(1)
64 bits 8 bits
8 bits
up to 64 bits (3)
16 bits
-
1. See Table 99. Response Information Flag.
2. This field is optional.
3. Number of bytes is function of parameter list selected.
Response parameters:
•
Information flag defining which fields are present
•
UID code on 64 bits
•
DSFID value (if requested in Parameters request field)
•
AFI value (if requested in Parameters request field)
•
Other fields:
–
VICC Memory size (if requested in Parameters request field)
–
ICRef(if requested in Parameters request field)
–
VICC Command list (if requested in Parameters request field)
Table 99. Response Information Flag
Bit
Flag name
Value
Description
b1
DSFID
0
DSFID field is not present
1
DSFID field is present
b2
AFI
0
AFI field is not present
1
AFI field is present
b3
VICC memory size
0
Data field on VICC memory
size is not present.
1
Data field on VICC memory
size is present.
b4
IC reference
0
Information on IC reference
field is not present.
1
Information on IC reference
field is present.
b5
MOI
0
1 byte addressing
1
Data field of all supported
commands is present
b6
VICCCommand list
b7
CSI Information
0
CSI list is not present
b8
Info flag field
0
One byte length of info flag
field
Table 100. Response other field: ST25TV16K/64K VICC memory size
MSB
LSB
24
22 21
17 16
01
RFU
Block size in byte
Number of blocks
ST25TV16K ST25TV64K
RF Commands
DS11489 - Rev 9
page 53/87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com