Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X60SIP Datasheet(PDF) 2 Page - Microchip Technology

Part # SAM9X60SIP
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60SIP Datasheet(HTML) 2 Page - Microchip Technology

  SAM9X60SIP Datasheet HTML 1Page - Microchip Technology SAM9X60SIP Datasheet HTML 2Page - Microchip Technology SAM9X60SIP Datasheet HTML 3Page - Microchip Technology SAM9X60SIP Datasheet HTML 4Page - Microchip Technology SAM9X60SIP Datasheet HTML 5Page - Microchip Technology SAM9X60SIP Datasheet HTML 6Page - Microchip Technology SAM9X60SIP Datasheet HTML 7Page - Microchip Technology SAM9X60SIP Datasheet HTML 8Page - Microchip Technology SAM9X60SIP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Features
• CPU
– ARM926EJ-S Arm Thumb processor running up to 600 MHz
– 32-Kbyte data cache, 32-Kbyte instruction cache, Memory Management Unit (MMU)
• Memories
– One 160-Kbyte internal ROM
• 64-Kbyte internal ROM embedding a secure bootloader program supporting boot on NandFlash,
SDCard, SPI or QSPI Flash. Bootloader features selectable by OTP bits.
• 96-Kbyte ROM for NAND Flash BCH ECC table
– DDR2-SDRAM memory up to 1 Gbit or 64-Mbit SDR-SDRAM memory, 16-bit data bus
– One 64-Kbyte internal SRAM (SRAM0), single-cycle access at system speed
– High Bandwidth Multi-port DDR2/LPDDR Controller (MPDDRC)
– 8-bit External Bus Interface (EBI) supporting 8-bit NAND Flash connected on D16-D23
– NAND Flash Controller, with up to 24-bit Programmable Multi-bit Error Correcting Code (PMECC)
– One 11-Kbyte OTP memory for secure key storage with emulation mode (OTP bits are emulated by a
4-Kbyte SRAM (SRAM1))
• System Running up to 200 MHz
– Power-on Reset cells, Reset Controller, Shutdown Controller, Periodic Interval Timer, Watchdog Timer
running on internal low-power 32-kHz RC and Real Time Clock running on external crystal
– Two internal trimmed RC oscillators: 32 kHz (low-power) and 12 MHz
– Two selectable crystal oscillators: 32.768 kHz (low-power) and 8 to 50 MHz
– One PLL for the system and one PLL optimized for USB high-speed operation (480 MHz)
– One dual-port 16-channel DMA Controller (XDMAC)
– Advanced Interrupt Controller (AIC) and Debug Unit (DBGU)
– JTAG port with disable bit in OTP memory
– Two programmable external clock signals
• Low Power Modes
– Backup mode with RTC, eight 32-bit general purpose backup registers, and Shutdown Controller to control
the external power supply
– Clock Generator and Power Management Controller
– Software-programmable Ultra-Low Power modes: Very Slow Clock Operating Mode (ULP0), and No-Clock
Operating Mode (ULP1) with fast wake-up capabilities
– Software programmable power optimization capabilities
• Peripherals
– LCD Controller with overlay, alpha-blending, rotation, scaling and color conversion. Up to 1024 x 768
resolution
– 2D Graphics Controller supporting Fill BLT, Copy BLT, Transparent BLT, Blend/Alpha BLT, ROP4 BLT
(Raster Operations) and Command Ring Buffer
– ITU-R BT. 601/656, up to 12-bit Image Sensor Interface (ISI)
– One USB Device High Speed, three USB Host High Speed with dedicated On-Chip Transceivers
– Two 10/100 Mbps Ethernet Mac Controller
– Two 4-bit Secure Digital MultiMedia Card Controller (SDMMC)
– Two CAN Controllers
– One Quad I/O SPI Controller
– Two three-channel 32-bit Timer/Counters
– One high resolution (64-bit) Periodic Interval Timer
– One Synchronous Serial Controller
– One Inter-IC Sound (I²S) Multi-Channel Controller (I2SMCC) with TDM support
– One Audio Class D Controller with Single-Ended (SE) or Bridge Tied Load (BTL) connection to power stage
– One four-channel 16-bit PWM Controller
SAM9X60 SIP
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS60001580C-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com