Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X60SIP Datasheet(PDF) 7 Page - Microchip Technology

Part # SAM9X60SIP
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60SIP Datasheet(HTML) 7 Page - Microchip Technology

Back Button SAM9X60SIP Datasheet HTML 3Page - Microchip Technology SAM9X60SIP Datasheet HTML 4Page - Microchip Technology SAM9X60SIP Datasheet HTML 5Page - Microchip Technology SAM9X60SIP Datasheet HTML 6Page - Microchip Technology SAM9X60SIP Datasheet HTML 7Page - Microchip Technology SAM9X60SIP Datasheet HTML 8Page - Microchip Technology SAM9X60SIP Datasheet HTML 9Page - Microchip Technology SAM9X60SIP Datasheet HTML 10Page - Microchip Technology SAM9X60SIP Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
2.
SDR-SDRAM Features
• Part Number:
– 64-Mbit SDR-SDRAM device (SAM9X60D6K-I): Winbond W986416KG-5I
• Power Supply: DDRM_VDD = 3.3V ±0.3V
• 1,048,576 Words x 4 Banks x 16 Bits Organization
• Self-Refresh Current: Standard and Low-Power
• CAS Latency: 2 and 3
• Burst Length: 1
• Sequential Burst
• Byte Data Controlled by LDQM, UDQM
• Controlled Precharge
• Burst Read Operation
• 4K Refresh Cycles/16 ms
SAM9X60 SIP
SDR-SDRAM Features
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS60001580C-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com