Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X60SIP Datasheet(PDF) 11 Page - Microchip Technology

Part # SAM9X60SIP
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60SIP Datasheet(HTML) 11 Page - Microchip Technology

Back Button SAM9X60SIP Datasheet HTML 7Page - Microchip Technology SAM9X60SIP Datasheet HTML 8Page - Microchip Technology SAM9X60SIP Datasheet HTML 9Page - Microchip Technology SAM9X60SIP Datasheet HTML 10Page - Microchip Technology SAM9X60SIP Datasheet HTML 11Page - Microchip Technology SAM9X60SIP Datasheet HTML 12Page - Microchip Technology SAM9X60SIP Datasheet HTML 13Page - Microchip Technology SAM9X60SIP Datasheet HTML 14Page - Microchip Technology SAM9X60SIP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
6.
Package and Ballout
6.1
Packages
The SAM9X60 SIP is available in the packages listed in the following table.
Table 6-1. SAM9X60 SIP Packages
Package Name
Ball Count
Ball Pitch
Package Size
Memory Type
TFBGA233
233
0.80 mm
14 x 14 mm²
DDR2
TFBGA196
196
0.65 mm
11 x 11 mm²
SDRAM
6.2
Ballout
Figure 6-1. BGA233 Ballout
PC14
PC1
PC5
PC8
XOUT
WK
UP0
T
R
P
N
M
L
K
J
H
G
F
E
D
C
1
2345678
9
10
11
12
13
14
15
PA16
PA19
PA31
PA30
PA13
PA14
PA11
PA12
PD14
PB16
PB4
PB5
PB11
PB3
PC3
PC3
PD1
PD16
PD18
PD19
PD11
PD12
PD8
PA29
PA23
PB23
GND
GND
A
B
PB0
PB9
PB22
PB24
PA24
PA21
PB25
GND
PB10
GND
DDR
_CAL
PB15
GND
ANA
PB1
VDD
ANA
GND
VDD
CORE
PA20
PD9
PD3
PA2
PA3
PA15
PD5
PD20
PD7
PA0
PA4
TDI
VDD
IOP0
GND
PA10
PA9
PA5
PA6
RTCK
TDO
TMS
PC21
NRST
PC19
PC29
GND
VDD
IOP1
PC25
GND
PC7
PC9
PC17
VDD
BU
PC18
JTAG
SEL
VDD
IN33
RTU
NE
PC13
PC4
HS
DPC
PC3
PC11
XOUT
32
XIN
PC6
PC12
PC2
PC10
HS
DMA
PC20
PC15
PC0
XIN
32
HS
DPA
HS
DPB
HS
DMB
16
Power
Ground
Analog Signals
PB12
PB2
PB17
PB21
PA25
PA22
PA28
DDR
_VREF
PB19
GND
GND
PB13
PD17
PD21
PD10
PD13
PD6
GND
PD4
PD2
PD0
SHDN
GND
DDRM
VDD
DDRM
VDD
DDRM
VSS
DDRM
VSS
DDRM
VDD
GND
GND
ADV
REFP
ADV
REFN
VDD
QSPI
GND
DDRM
VSS
DDRM
VDD
DDRM
VSS
DDRM
VDD
DDRM
VDD
DDRM
VSS
DDRM
VDD
DDRM
VDD
DDRM
VSS
VDD
IOM
U
PA26
PA27
VDD
IOM
VDD
CORE
PB18
VDD
CORE
GND
PB20
PB6
GND
GND
GND
DDRM
VDD
DDRM
VSS
DDRM
VDD
DDRM
VSS
DDRM
VSS
GND
VDD
IOP0
GND
GND
DDRM
VDD
DDRM
VSS
VDD
IOM
PD15
GND
GND
GND
GND
GND
GND
GND
GND
GND
PA18
PA17
GND
GND
VDD
IOP0
GND
GND
GND
VDD
CORE
PA1
GND
GND
VDD
CORE
GND
GND
GND
VDD
NF
GND
GND
VDD
IN33
GND
IN33
GND
GND
PA7
PA8
GND
IN33
GND
VDD
OUT25
TCK
PC28
HS
DMC
GND
GND
PC22
PC26
GND
GND
PC16
GND
PC23
PC30
GND
PC24
PC31
PC27
GND
PB8
PB14
PB7
17
GND
SAM9X60 SIP
Package and Ballout
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS60001580C-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com