Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X60SIP Datasheet(PDF) 8 Page - Microchip Technology

Part # SAM9X60SIP
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60SIP Datasheet(HTML) 8 Page - Microchip Technology

Back Button SAM9X60SIP Datasheet HTML 4Page - Microchip Technology SAM9X60SIP Datasheet HTML 5Page - Microchip Technology SAM9X60SIP Datasheet HTML 6Page - Microchip Technology SAM9X60SIP Datasheet HTML 7Page - Microchip Technology SAM9X60SIP Datasheet HTML 8Page - Microchip Technology SAM9X60SIP Datasheet HTML 9Page - Microchip Technology SAM9X60SIP Datasheet HTML 10Page - Microchip Technology SAM9X60SIP Datasheet HTML 11Page - Microchip Technology SAM9X60SIP Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
3.
Configuration Summary
Feature
SAM9X60-D5M
SAM9X60-D1G
SAM9X60-D6K
Package
TFBGA233, 14x14 mm², 0.80-mm pitch
TFBGA196, 11x11 mm²,
0.65-mm pitch
Embedded SDRAM
512-Mbit DDR2-SDRAM
1-Gbit DDR2-SDRAM
64-Mbit SDR-SDRAM
DRAM Data Bus
16 bits
Core
ARM926EJ @ 600MHz
SRAM0 + SRAM1
64 Kbytes + 4 Kbytes
L1 Cache (I + D)
32 Kbytes + 32 Kbytes
External Bus I/F
NAND Flash connected on D16-D23
Camera I/F (ISI)
1x 12-bit
EMAC 10/100
1x MII / RMII + 1x RMII
USB
3x HS Transceivers
2x Host + 1x (H or D)
CAN
2x
LCD / GFX2D
24-bit RGB
Up to 1024 x 768 @ 60 fps
SDIO / SDCard / eMMC
2x (4-bit / up to 52 MHz)
ADC
1x 12-bit ADC
Serial I/F
13x FLEXCOM
DDR QSPI
1x
Audio Peripherals
SSC / I2S /CLASSD
1 / 1 / 1
Security
TDES / AES / SHA + Secure Bootloader
SAM9X60 SIP
Configuration Summary
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS60001580C-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com