Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM9X60SIP Datasheet(PDF) 3 Page - Microchip Technology

Part # SAM9X60SIP
Description  SAM9X60 System-In-Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM and up to 64 Mbits SDR-SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAM9X60SIP Datasheet(HTML) 3 Page - Microchip Technology

  SAM9X60SIP Datasheet HTML 1Page - Microchip Technology SAM9X60SIP Datasheet HTML 2Page - Microchip Technology SAM9X60SIP Datasheet HTML 3Page - Microchip Technology SAM9X60SIP Datasheet HTML 4Page - Microchip Technology SAM9X60SIP Datasheet HTML 5Page - Microchip Technology SAM9X60SIP Datasheet HTML 6Page - Microchip Technology SAM9X60SIP Datasheet HTML 7Page - Microchip Technology SAM9X60SIP Datasheet HTML 8Page - Microchip Technology SAM9X60SIP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
– Thirteen FLEXCOMs (USART, SPI and TWI)
– One 12-channel 12-bit Analog-to-Digital Converter with 4/5 wires resistive touchscreen support
• Hardware Cryptography
– SHA (SHA1, SHA224, SHA256, SHA384, SHA512): compliant with FIPS PUB 180-2
– AES: 256-, 192-, 128-bit key algorithm, compliant with FIPS PUB 197
– TDES: two-key or three-key algorithms, compliant with FIPS PUB 46-3
– True Random Number Generator (TRNG) compliant with NIST Special Publication 800-22 Test Suite and
FIPS PUBs 140-2 and 140-3
• I/O Ports
– Four 32-bit Parallel Input/Output Controllers
– Up to 112 programmable I/O Lines multiplexed with up to three peripheral I/Os
– Input change interrupt capability on each I/O line, optional Schmitt trigger input
– Individually programmable open-drain, pull-up and pull-down resistor, synchronous output
– General-purpose analog and digital inputs tolerant to positive and negative current injection
• Package
– DDR2-SDRAM variant: 233-ball BGA, 14x14 mm², 0.8 mm pitch, optimized for standard class PCB layout
(down to 2 layers)
– SDR-SDRAM variant: 196-ball BGA, 11x11 mm², 0.65 mm pitch, optimized for standard class PCB layout
(down to 4 layers)
• Design for Low Electromagnetic Interference (EMI)
– Slew rate controlled I/Os
– DDR/SDR Phy with impedance-calibrated drivers
– Spread spectrum PLLs
– Careful BGA power/ground ball assignment to provide optimum decoupling capacitors placement
• Operating Conditions
– Ambient temperature range (TA): -40°C to +85°C
– Junction temperature range (TJ) : -40°C to +125°C
SAM9X60 SIP
© 2021 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS60001580C-page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com