Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2100CT/F1 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF2100CT/F1
Description  LCD drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2100CT/F1 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF2100CT/F1 Datasheet HTML 17Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 18Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 19Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 20Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 21Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 22Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 23Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 24Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 25Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
PCF21XXC_FAM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 6 May 2015
24 of 25
NXP Semiconductors
PCF21xxC family
LCD drivers
21. Figures
Fig 1.
Block diagram; PCF2100C . . . . . . . . . . . . . . . . . .2
Fig 2.
Block diagram; PCF2111C. . . . . . . . . . . . . . . . . . .3
Fig 3.
Block diagram; PCF2112C. . . . . . . . . . . . . . . . . . .3
Fig 4.
Pin configuration PCF2100C (SOT136-1) . . . . . . .4
Fig 5.
Pin configuration PCF211C (SOT158-1) . . . . . . . .4
Fig 6.
Pin configuration PCF2112C (SOT158-1) . . . . . . .4
Fig 7.
C-bus data format . . . . . . . . . . . . . . . . . . . . . . . . .6
Fig 8.
Timing diagram for PCF2100C and PCF2111C . . .7
Fig 9.
Timing diagram for PCF2112C. . . . . . . . . . . . . . . .7
Fig 10. Input circuitry . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8
Fig 11. Expansion possibility (using PCF2111C) . . . . . . . .8
Fig 12. C-bus timing. . . . . . . . . . . . . . . . . . . . . . . . . . . . .12
Fig 13. Supply current as a function of supply voltage . .13
Fig 14. Display frequency as a function of supply
voltage; CO = 680 pF (except PCF2112C). . . . . .13
Fig 15. Display frequency as a function of supply
voltage; CO = 1.5 nF (only PCF2112C) . . . . . . . .13
Fig 16. Display frequency as a function of RO
and CO; Tamb =25°C; VDD = 5 V . . . . . . . . . . . . .13
Fig 17. Output resistance of backplane and segments
as a function of supply voltage. . . . . . . . . . . . . . .14
Fig 18. LOW-level output current as a function of
supply voltage (only PCF2112C) . . . . . . . . . . . . .14
Fig 19. Package outline SOT136-1 (SO28) . . . . . . . . . . .15
Fig 20. Package outline SOT158-1 (VSO40). . . . . . . . . .16
Fig 21. Temperature profiles for large and small
components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com