Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2100CT/F1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF2100CT/F1
Description  LCD drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2100CT/F1 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF2100CT/F1 Datasheet HTML 1Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 2Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 3Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 4Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 5Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 6Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 7Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 8Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
PCF21XXC_FAM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 6 May 2015
4 of 25
NXP Semiconductors
PCF21xxC family
LCD drivers
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration
PCF2100C (SOT136-1)
Fig 5.
Pin configuration PCF211C
(SOT158-1)
Fig 6.
Pin configuration
PCF2112C (SOT158-1)
Table 4.
Pin description
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Symbol
Pin
Description
PCF2100C
PCF2111C
PCF2112C
CLB
1
1
1
clock burst input (C-bus)
VDD
2
2
2
supply voltage
OSC
3
3
3
oscillator input
VSS
4
4
4
supply voltage ground
S32
-
5
5
LCD driver output
S31
-
6
6
S30
-
7
7
S29
-
8
8
S28
-
9
9
S27
-
10
10
S26
-
11
11
S25
-
12
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com