Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2100CT/F1 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF2100CT/F1
Description  LCD drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2100CT/F1 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF2100CT/F1 Datasheet HTML 5Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 6Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 7Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 8Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 9Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 10Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 11Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 12Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
PCF21XXC_FAM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 6 May 2015
9 of 25
NXP Semiconductors
PCF21xxC family
LCD drivers
8.
Safety notes
9.
Limiting values
[1]
Derate by 7.7 mW/K when Tamb >60 C.
[2]
Pass level; Human Body Model (HBM), according to Ref. 7 “JESD22-A114”.
[3]
Pass level; latch-up testing according to Ref. 8 “JESD78” at maximum ambient temperature (Tamb(max)).
[4]
According to the store and transport requirements (see Ref. 13 “UM10569”) the devices have to be stored at a temperature of +8
C to
+45
C and a humidity of 25 % to 75 %.
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or
equivalent standards.
CAUTION
Static voltages across the liquid crystal display can build up when the LCD supply voltage
(VLCD) is on while the IC supply voltage (VDD) is off, or vice versa. This may cause unwanted
display artifacts. To avoid such artifacts, VLCD and VDD must be applied or removed together.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5
+8.0
V
VI
input voltage
on pins DLEN, CLB, DATA
and OSC
VSS  0.5
VDD +0.5
V
VO
output voltage
on pins BP1, BP2 and
S1 to S32
VSS  0.5
VDD +0.5
V
IDD
supply current
50
+50
mA
ISS
ground supply current
50
+50
mA
II
input current
20
+20
mA
IO
output current
25
+25
mA
Ptot
total power dissipation
[1] -500
mW
P/out
power dissipation per
output
-100
mW
VESD
electrostatic discharge
voltage
HBM
[2] -
2000
V
Ilu
latch-up current
[3] -100
mA
Tamb
ambient temperature
operating device
40
+85
C
Tstg
storage temperature
[4]
65
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com