Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2100CT/F1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF2100CT/F1
Description  LCD drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2100CT/F1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF2100CT/F1 Datasheet HTML 2Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 3Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 4Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 5Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 6Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 7Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 8Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 9Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
PCF21XXC_FAM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 6 May 2015
6 of 25
NXP Semiconductors
PCF21xxC family
LCD drivers
7.
Functional description
An LCD segment or LED output is activated when the corresponding DATA bit is HIGH;
see Figure 7.
7.1 PCF2100C
When DATA bit 21 is HIGH, the A-latches (BP1) are loaded. With DATA bit 21 LOW, the
B-latches (BP2) are loaded. CLB pulse 23 transfers data from the shift register to the
selected latches.
7.2 PCF2111C
When DATA bit 33 is a HIGH, the A-latches (BP1) are loaded. With DATA bit 33 LOW, the
B-latches (BP2) are loaded. CLB pulse 35 transfers data from the shift register to the
selected latches.
7.3 PCF2112C
When DATA bit 33 is HIGH, the latches are loaded. CLB pulse 35 transfers data from the
shift register to the selected latches.
7.4 Bus control logic
The following tests are carried out by the bus control logic:
1. Test on leading zero
2. Test on number of DATA bits
3. Test of disturbed DLEN and DATA signals during transmission
If one of the test conditions is not fulfilled, no action follows the load condition (load pulse
with DLEN LOW) and the driver is ready to receive new data.
Fig 7.
C-bus data format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com