Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2100CT/F1 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF2100CT/F1
Description  LCD drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2100CT/F1 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF2100CT/F1 Datasheet HTML 1Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 2Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 3Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 4Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 5Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 6Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 7Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 8Page - NXP Semiconductors PCF2100CT/F1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1.
General description
The PCF21xxC family are single-chip, silicon gate CMOS LCD driver circuits. A 3-line bus
(C-bus) structure enables serial data transfer with microcontrollers.
2.
Features and benefits
 Supply voltage 2.25 V to 6.0 V
 Low current consumption
 Serial data input
 C-bus control
 One-point built-in oscillator
 Stand-alone or expanded system
 Power-on reset clear
 LCD segments: 40 (PCF2100C), 64 (PCF2111C) and 32 (PCF2112C)
 Multiplex rate: 1:2 (PCF2100C and PCF2111C) and 1:1 (PCF2112C)
 Word length: 22 bits (PCF2100C) and 34 bits (PCF2111C and PCF2112C)
3.
Ordering information
PCF21xxC family
LCD drivers
Rev. 3 — 6 May 2015
Product data sheet
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF2100CT
SO28
plastic small outline package; 28 leads;
body width 7.5 mm
SOT136-1
PCF2111CT
VSO40
plastic very small outline package;
40 leads
SOT158-1
PCF2112CT
VSO40
plastic very small outline package;
40 leads
SOT158-1


Similar Part No. - PCF2100CT/F1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2100CT PHILIPS-PCF2100CT Datasheet
206Kb / 24P
LCD drivers
1997 Mar 28
PCF2100CT PHILIPS-PCF2100CT Datasheet
147Kb / 24P
LCD drivers
1997 Mar 28
PCF2100CT PHILIPS-PCF2100CT Datasheet
205Kb / 24P
Supply voltage 2.25 to 6.0V
1997 Mar 28
More results

Similar Description - PCF2100CT/F1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2103 PHILIPS-PCF2103 Datasheet
300Kb / 56P
LCD controllers/drivers
1998 May 11
PCF2116 PHILIPS-PCF2116 Datasheet
407Kb / 64P
LCD controller/drivers
1997 Apr 07
logo
Sanyo Semicon Device
LC75821E SANYO-LC75821E Datasheet
143Kb / 10P
LCD Display Drivers
LC7930N SANYO-LC7930N Datasheet
79Kb / 7P
LCD Drivers
logo
NXP Semiconductors
PCF2113X PHILIPS-PCF2113X Datasheet
332Kb / 72P
LCD controllers/drivers
2001 Dec 19
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
LCD controllers/drivers
2003 Jan 30
PCF2100CP PHILIPS-PCF2100CP Datasheet
206Kb / 24P
LCD drivers
1997 Mar 28
PCF2116CU NXP-PCF2116CU Datasheet
277Kb / 64P
LCD controller/drivers
1997 Apr 07
PCF2112CT PHILIPS-PCF2112CT Datasheet
147Kb / 24P
LCD drivers
1997 Mar 28
PCF2116AU NXP-PCF2116AU Datasheet
277Kb / 64P
LCD controller/drivers
1997 Apr 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com