Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41AB2PAPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB2PAPR
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB2PAPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TSB41AB2PAPR Datasheet HTML 29Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 30Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 31Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 32Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 33Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 34Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 35Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 36Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
output differentiation (continued)
The TSB41AB2 implements differentiation circuitry functionally equivalent to that shown in Figure 15 on the
bidirectional CTL0 – CTL1and D0 – D7 terminals. The TSB41AB2 also implements an input hysteresis buffer on
the LREQ input to convert this signal to the correct logic level when differentiated. The LLC must also implement
similar output differentiation and input hysteresis circuitry on its CTL and D terminals, and output differentiation
circuitry on its LREQ terminal.
DQ
DQ
D
Q
3-State Output
Driver
Input Buffer With
Hysteresis
DIN
DOUT
ISO
OUTEN
INIT
SYSCLK
To/From
Internal
Device Logic
D Terminal
Figure 15. Input/Output Differentiation Logic
LLC service request
To request access to the bus, to read or write a PHY register, or to control arbitration acceleration, the LLC sends
a serial bit stream on the LREQ terminal as shown in Figure 16.
LR(n-2)
LR3
LR2
LR1
LR0
LR(n-1)
NOTE: Each cell represents one clock sample time, and n is the number of bits in the request stream.
Figure 16. LREQ Request Stream
The length of the stream varies depending on the type of request as shown in Table 12.
Table 12. Request Stream Bit Length
REQUEST TYPE
NUMBER OF BITS
Bus request
7 or 8
Read register request
9
Write register request
17
Acceleration control request
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com