Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41AB2PAPR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB2PAPR
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB2PAPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button TSB41AB2PAPR Datasheet HTML 30Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 31Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 32Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 33Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 34Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 35Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 36Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 37Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
LLC service request (continued)
Regardless of the type of request, a start bit of 1 is required at the beginning of the stream, and a stop bit of 0
is required at the end of the stream. The second through fourth bits of the request stream indicate the type of
the request. In the descriptions below, bit 0 is the most significant and is transmitted first in the request bit stream.
The LREQ terminal is normally low.
Encoding for the request type is shown in Table 13.
Table 13. Request Type Encoding
LR1 – LR3
NAME
DESCRIPTION
000
ImmReq
Immediate bus request. Upon detection of idle, the PHY takes control of the bus immediately without arbitration.
001
IsoReq
Isochronous bus request. Upon detection of idle, the PHY arbitrates for the bus without waiting for a subaction gap.
010
PriReq
Priority bus request. The PHY arbitrates for the bus after a subaction gap, ignores the fair protocol.
011
FairReq
Fair bus request. The PHY arbitrates for the bus after a subaction gap, follows the fair protocol.
100
RdReg
The PHY returns the specified register contents through a status transfer.
101
WrReg
Write to the specified register.
110
AccelCtl
Enable or disable asynchronous arbitration acceleration.
111
Reserved
Reserved.
For a bus request the length of the LREQ bit stream is 7 or 8 bits as shown in Table 14.
Table 14. Bus Request
BIT(S)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1).
1−3
Request type
Indicates the type of bus request. See Table 13.
4−6
Request speed
Indicates the speed at which the PHY sends the data for this request. See Table 15 for the encoding of this field.
7
Stop bit
Indicates the end of the transfer (always 0). If bit 6 is 0, this bit may be omitted.
The 3-bit request speed field used in bus requests is shown in Table 15.
Table 15. Bus Request
LR4 – LR6
DATA RATE
000
S100
010
S200
100
S400
All Others
Invalid
NOTE: The TSB41AB2 does accept a bus request with
an invalid speed code and process the bus
request normally. However, during packet
transmission for such a request, the TSB41AB2
ignores any data presented by the LLC and
transmits a null packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com