Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41AB2PAPR Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB2PAPR
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB2PAPR Datasheet(HTML) 43 Page - Texas Instruments

Back Button TSB41AB2PAPR Datasheet HTML 39Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 40Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 41Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 42Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 43Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 44Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 45Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 46Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
43
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
interface reset and disable (continued)
The sequence of events for resetting the PHY-LLC interface when it is in the differentiated mode of operation
(ISO terminal is low) is as follows:
1.
Normal operation. Interface is operating normally, with LPS active, SYSCLK active, status and packet data
reception and transmission via the CTL and D lines, and request activity via the LREQ line.
2.
LPS deasserted. The LLC deasserts the LPS signal and, within 1
µs, terminates any request or interface
bus activity, and places its LREQ, CTL, and D outputs into a high-impedance state (the LLC should
terminate any output signal activity such that signals end in a logic 0 state).
3.
Interface reset. After TLPS_RESET time, the PHY determines that LPS is inactive, terminates any interface
bus activity, and places its CTL and D outputs into a high-impedance state (the PHY terminates any output
signal activity such that signals end in a logic 0 state). The PHY-LLC interface is now in the reset state.
4.
Interface restored. After the minimum TRESTORE time, the LLC may again assert LPS active. (The minimum
TRESTORE interval provides sufficient time for the biasing networks used in Annex J type isolation barrier
circuits to stabilize and reach a quiescent state if the isolation barrier has somehow become unbalanced.)
When LPS is asserted, the interface is initialized.
LPS
CTL0, CTL1
LREQ
SYSCLK
(3)
(2)
(1)
D0−D7
(high)
(4)
TLPS_RESET
TRESTORE
ISO
Figure 23. Interface Reset, ISO High
The sequence of events for resetting the PHY-LLC interface when it is in the nondifferentiated mode of operation
(ISO terminal is high) is as follows:
1.
Normal operation. Interface is operating normally, with LPS asserted, SYSCLK active, status and packet
data reception and transmission via the CTL and D lines, and request activity via the LREQ line. In
Figure 23, the LPS signal is shown as a nonpulsed level signal. However, it is permissible to use a pulsed
signal for LPS in a direct connection between the PHY and LLC; a pulsed signal is required when using an
isolation barrier (whether of the TI bus-holder type or Annex J type).
2.
LPS deasserted. The LLC deasserts the LPS signal and, within 1
µs, terminates any request or interface
bus activity, places its CTL and D outputs into a high-impedance state, and drives its LREQ output low.
3.
Interface reset. After TLPS_RESET time, the PHY determines that LPS is inactive, terminates any interface
bus activity, and drives its CTL and D outputs low. The PHY-LLC interface is now in the reset state.
4.
Interface restored. After the minimum TRESTORE time, the LLC may again assert LPS active. When LPS
is asserted, the interface is initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com