Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41AB2PAPR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB2PAPR
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB2PAPR Datasheet(HTML) 37 Page - Texas Instruments

Back Button TSB41AB2PAPR Datasheet HTML 33Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 34Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 35Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 36Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 37Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 38Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 39Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 40Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
status transfer (continued)
Table 19. Status Bits
BIT(S)
NAME
DESCRIPTION
0
Arbitration reset gap
Indicates that the PHY has detected that the bus has been idle for an arbitration reset gap time (as defined
in IEEE Std 1394-1995). This bit is used by the LLC in the busy/retry state machine.
1
Subaction gap
Indicates that the PHY has detected that the bus has been idle for a subaction gap time (as defined in IEEE
Std 1394-1995). This bit is used by the LLC to detect the completion of an isochronous cycle.
2
Bus reset
Indicates that the PHY has entered the bus reset start state
3
Interrupt
Indicates that a PHY interrupt event has occurred. An interrupt event may be a configuration time-out,
cable-power voltage falling too low, a state time-out, or a port status change.
4− 7
Address
This field holds the address of the PHY register whose contents are being transferred to the LLC.
8− 15
Data
This field holds the register contents.
00
00
(1)
01
(2)
00
00
S[14:15]
S[0:1]
D0, D1
CTL0, CTL1
SYSCLK
Figure 17. Status Transfer Timing
The sequence of events for a status transfer is as follows:
1.
Status transfer initiated. The PHY indicates a status transfer by asserting status on the CTL lines along with
the status data on the D0 and D1 lines (only two bits of status are transferred per cycle). Normally (unless
interrupted by a receive operation), a status transfer is either two or eight cycles long. A 2-cycle (4 bit)
transfer occurs when only status information is to be sent. An 8-cycle (16 bit) transfer occurs when register
data is to be sent in addition to any status information.
2.
Status transfer terminated. The PHY normally terminates a status transfer by asserting idle on the CTL lines.
The PHY may also interrupt a status transfer at any cycle by asserting receive on the CTL lines to begin
a receive operation. The PHY asserts at least one cycle of idle between consecutive status transfers.
receive
Whenever the PHY detects the data-prefix state on the serial bus, it initiates a receive operation by asserting
receive on the CTL terminals and a logic 1 on each of the D terminals (data-on indication). The PHY indicates
the start of a packet by placing the speed code (encoded as shown in Table 20) on the D terminals, followed
by packet data. The PHY holds the CTL terminals in receive until the last symbol of the packet has been
transferred. The PHY indicates the end of packet data by asserting idle on the CTL terminals. All received
packets are transferred to the LLC. Note that the speed code is part of the PHY-LLC protocol and is not included
in the calculation of CRC or any other data protection mechanisms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com