Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41AB2PAPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB2PAPR
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB2PAPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TSB41AB2PAPR Datasheet HTML 21Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 22Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 23Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 24Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 25Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 26Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 27Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 28Page - Texas Instruments TSB41AB2PAPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 4. Page 0 (Port Status) Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
Astat
2
Rd
TPA line state. This field indicates the TPA line state of the selected port, encoded as follows:
Code
Line State
11
Z
01
1
10
0
00
invalid
Bstat
2
Rd
TPB line state. This field indicates the TPB line state of the selected port. This field has the same
encoding as the Astat field.
Ch
1
Rd
Child/parent status. A 1 indicates that the selected port is a child port. A 0 indicates that the selected port
is the parent port. A disconnected, disabled, or suspended port is reported as a child port. The Ch bit
is invalid after a bus reset until tree-ID has completed.
Con
1
Rd
Debounced port connection status. This bit indicates that the selected port is connected. The connection
must be stable for the debounce time of approximately 341 ms for the con bit to be set to 1. The con bit
is reset to 0 by hardware reset and is unaffected by bus reset.
NOTE: The con bit indicates that the port is physically connected to a peer PHY, but the port is not
necessarily active.
Bias
1
Rd
Debounced incoming cable bias status. A 1 indicates that the selected port is detecting incoming cable
bias. The incoming cable bias must be stable for the debounce time of 52
µs for the bias bit to be set
to 1.
Dis
1
Rd/Wr
Port disabled control. If 1, the selected port is disabled. The dis bit is reset to 0 by hardware reset (all
ports are enabled for normal operation following hardware reset). The dis bit is not affected by bus reset.
Peer_Speed
3
Rd
Port peer speed. This field indicates the highest speed capability of the peer PHY connected to the
selected port, encoded as follows:
Code
Peer Speed
000
S100
001
S200
010
S400
011–111
invalid
The Peer_Speed field is invalid after a bus-reset until self-ID has completed.
NOTE: Peer speed codes higher than 010b (S400) are defined in IEEE 1394a-2000. However, the
TSB41AB2 is only capable of detecting peer speeds up to S400.
PIE
1
Rd/Wr
Port event interrupt enable. When set to 1, a port event on the selected port sets the port event interrupt
(PEI) bit and notify the link. This bit is reset to 0 by hardware reset and is unaffected by bus reset.
Fault
1
Rd/Wr
Fault. This bit indicates that a resume-fault or suspend-fault has occurred on the selected port and that
the port is in the suspended state. A resume-fault occurs when a resuming port fails to detect incoming
cable bias from its attached peer. A suspend-fault occurs when a suspending port continues to detect
incoming cable bias from its attached peer. Writing 1 to this bit clears the bit to 0. This bit is reset to 0
by hardware reset and is unaffected by bus reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com