Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASI4U Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ASI4U
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 35Page - Renesas Technology Corp ASI4U Datasheet HTML 36Page - Renesas Technology Corp ASI4U Datasheet HTML 37Page - Renesas Technology Corp ASI4U Datasheet HTML 38Page - Renesas Technology Corp ASI4U Datasheet HTML 39Page - Renesas Technology Corp ASI4U Datasheet HTML 40Page - Renesas Technology Corp ASI4U Datasheet HTML 41Page - Renesas Technology Corp ASI4U Datasheet HTML 42Page - Renesas Technology Corp ASI4U Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
39
January 26, 2016
4.7.4.
Synchronous Data I/O Mode
As defined in the AS-Interface Complete Specification, a master successively polls the network incrementing the
slave addresses from the lowest to the highest. Hence, data input and output operations normally take place at
different times in different slaves. To support applications that require simultaneous Data I/O operations on a
given number of slaves in the network, a Synchronous Data I/O Mode is provided.
The feature is enabled if the Synchronous_Data_IO flag is set in the Firmware Area of the EEPROM (=1).
Activation of the feature also depends on the value of the P2_Sync_Data_IO_Activation flag. The following coding
applies:
Table 4.15 Activation States of Synchronous Data IO Mode
Synchronous_Data_IO FLAG
P2_Sync_Data_IO_Activation FLAG
INPUT VALUE
AT P2
SYNCHRONOUS DATA
I/O MODE
0
Don’t care
Don’t care
Deactivated
1
0
Don’t care
Activated
1
1
Low level (= 0)
Activated
1
1
High level (= 1)
Deactivated
The Parameter Port signal P2 is sampled at the rising edge of the Data Strobe (LOW/HIGH transition) signal
to determine the Data I/O behavior at the next Data Output event.
If the IC is operated in Parameter Multiplex Mode (see section 4.6.1) while the Synchronous_Data_IO flag and
P2_Sync_Data_IO_Activation flag are set, the Parameter Multiplex Mode remains disabled for Parameter Port pin
P2. This is to avoid erroneous deactivation of the Synchronous Data IO Mode if no external driver is connected.
Once activated, input data sampling as well as output data driving events are moved to different times
synchronized to the polling cycle of the AS-i network. Nevertheless, the communication principles between
master and slave remain unchanged compared to regular operation. The following rules apply:
• Data I/O is triggered by the DEXG call to the slave with the lowest slave address in the network. Based on
the fact that a master is calling slaves successively with rising slave addresses, the ASI4U/
ASI4U-E/ASI4U-F considers the trigger condition to be true if the slave address of a received DEXG call is
less than the slave address of the previous (correctly received) DEXG call.
Data I/O is only triggered if the slave has (correctly) received data during the last cycle. If the slave did not
receive data (e.g., due to a communication error), the Data Outputs are not changed and no Data Strobe is
generated (“arm+fire” principle). The inputs, however, are always sampled at the trigger event.
• If the slave with the lowest address in the network is operated in the Synchronous Data I/O Mode, it
postpones the output event for the received data for a full AS-i cycle. This is to keep all output data of a
particular cycle image together.
Note: To make this feature useful, the master must generate a data output cycle image once before the
start of every AS-i cycle. The image is derived from the input data of the previous cycle(s) and other control
events. If an AS-i cycle has started, the image must not change. If A and B slaves are installed in parallel at
one address, the master must address all A Slaves in one cycle and all B Slaves in the other cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com