Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASI4U Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ASI4U
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 20Page - Renesas Technology Corp ASI4U Datasheet HTML 21Page - Renesas Technology Corp ASI4U Datasheet HTML 22Page - Renesas Technology Corp ASI4U Datasheet HTML 23Page - Renesas Technology Corp ASI4U Datasheet HTML 24Page - Renesas Technology Corp ASI4U Datasheet HTML 25Page - Renesas Technology Corp ASI4U Datasheet HTML 26Page - Renesas Technology Corp ASI4U Datasheet HTML 27Page - Renesas Technology Corp ASI4U Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
24
January 26, 2016
ASI4U Internal EEPROM
Address [hex]
Bit
Position
EEPROM Cell Content
EEPROM Register Content
12
0
Enhanced_Status_Indication
If set, Enhanced Status Indication Mode
according to the AS-Interface Complete
Specification is activated.
Activates LED2 output! For compatibility to
A²SI board layouts, this flag must not be
set (= 0).
1
Dual_LED_Mode
If set, LED1 and LED2 output signals are
controlled to comply with the dual LED
indication configurations of AS-i. Generated
signals also depend on the value of the
Enhanced_Status_Indication flag. Direct
connection of a dual LED is supported.
Activates LED2 output! For compatibility to
A²SI board layouts, this flag must not be
set (= 0).
2
FID_Invert
The FID input value is inverted before further
processing.
3
Safety_Mode
If set, the ASI4U/ASI4U-E/ASI4U-F Safety
Mode is enabled and a special data input
routing is activated.
13
0
Synchronous_Data_IO
Enables Synchronized Data I/O Mode
1
P2_Sync_Data_IO_Activation
If flag is set, the logic value at the parameter
pin P2 determines whether the Synchronous
Data IO Mode is active or inactive.
If flag is not set, the Synchronous Data IO
Mode is always active if it was enabled by the
Synchronous_Data_IO flag.
2
Ext_Addr_4I/4O_Mode
Enables 4 Input / 4 Output support in
Extended Address Mode.
3
ID_Code1_Protect
If flag is set, ID_Code_Extension_1 is write-
protected for user access.
In Extended Address Mode, only bits 2 to 0
are blocked. Bit 3 is used for A/B slave
selection and must remain user accessible.
14
0 to 3
ID1_Bit0 to ID1_Bit3
Protected_ID_Code_Extension_1
If the ID_Code1_Protect flag is set, a
Read_ID_Code_1 request will be answered
with the data stored in this register.
15
0 to 3
Trim Area; accessible by IDT only
16
0 to 3
17
0 to 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com