Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASI4U Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # ASI4U
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 56Page - Renesas Technology Corp ASI4U Datasheet HTML 57Page - Renesas Technology Corp ASI4U Datasheet HTML 58Page - Renesas Technology Corp ASI4U Datasheet HTML 59Page - Renesas Technology Corp ASI4U Datasheet HTML 60Page - Renesas Technology Corp ASI4U Datasheet HTML 61Page - Renesas Technology Corp ASI4U Datasheet HTML 62Page - Renesas Technology Corp ASI4U Datasheet HTML 63Page - Renesas Technology Corp ASI4U Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
60
January 26, 2016
Table 4.29 CAP Pin Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
Typical
MAX
UNIT
Input voltage range
VCAP_IN
-0.3
VU5R
V
External decoupling capacitor
CCAP
47
nF
Note: In some applications, a resistor connected in series with CCAP might improve the impedance behavior of the internal electronic
inductor. Depending of the application, this resistor must be dimensioned in the range of 10
Ω to 100Ω.
The decoupling capacitor defines an internal low-pass filter time constant; lower values decrease the impedance but improve the turn-on
time. Higher values do not improve the impedance but do increase the turn-on time.
The turn-on time also depends on the load capacitor at UOUT. After connecting the slave to the power, the capacitor is charged with the
maximum current IUOUT. The impedance will increase when the voltage allows the analog circuitry to fully operate.
4.19. Thermal and Overload Protection
The IC continuously observes its silicon die temperature. If the temperature rises above approximately 140°C for
more than 2 seconds, the IC will be put into shutdown and stay there until the next power-on reset occurs.
The circuit is also shut down if UOUT pin is overloaded (e.g., shorted to GND) for more than 2 seconds.
Table 4.30 Shutdown Temperature
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNIT
Chip temperature for over-temperature shut down
TShut
125
160
°C
5
Application Circuits
The following figures show typical application cases for the ASI4U. Note that these schematics show only basic
circuit principles. For more detailed application information, see the ASI4U Application Note – Evaluation Board.
Figure 5.1 outlines a standard slave application circuit. Figure 5.2 shows an extended power application circuit
with an externally decoupled sensor supply. A Master/Repeater Mode application is shown in Figure 5.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com