Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASI4U Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ASI4U
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ASI4U Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ASI4U Datasheet HTML 9Page - Renesas Technology Corp ASI4U Datasheet HTML 10Page - Renesas Technology Corp ASI4U Datasheet HTML 11Page - Renesas Technology Corp ASI4U Datasheet HTML 12Page - Renesas Technology Corp ASI4U Datasheet HTML 13Page - Renesas Technology Corp ASI4U Datasheet HTML 14Page - Renesas Technology Corp ASI4U Datasheet HTML 15Page - Renesas Technology Corp ASI4U Datasheet HTML 16Page - Renesas Technology Corp ASI4U Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
13
January 26, 2016
After power-on reset, the IC is set to 16.000 MHz operation by default. After approximately
200µs, it will either switch to 8.000 MHz operation or remain in the 16.000 MHz mode. The
frequency detection is active until the first AS-i telegram has been successfully received in order
to ensure that the IC has found the correct clock frequency setting. The detection result is locked
thereafter to increase resistance against burst or other interferences.
The oscillator unit also contains a clock watchdog circuit that can generate an unconditional IC
reset if there has been no clock oscillation for more than approximately 20µs. This is to prevent
the IC from unpredictable behavior if a clock signal is no longer available.
THERMAL/OVERLOAD PROTECTION The IC is self-protected against overheating and short-circuiting of
the UOUT pin toward IC ground.
If the silicon die temperature rises above approximately 140°C for more than 2 seconds, the IC
detects overheating, switches off the electronic inductor, performs an IC reset, and sets all analog
blocks to power down mode. Although the 5V regulator is turned off in this state, there will still
remain a voltage of approximately 3V to 3.5V available at U5R that is derived from the internal
start circuitry. The overheating protection state can only be de-activated by power-cycling the
AS-i voltage.
Short-circuiting the UOUT pin toward IC ground causes the same IC behavior as overheating.
IRD CMOS / AC CURRENT INPUT The IRD pin is the input for the additional addressing channel in Slave
Mode (see section 3.2 for a description of general IC operational modes) or the direct AS-i
transmitter input in Master Mode. In Slave Mode, the IRD pin can be operated either in CMOS
Mode or AC Current Input Mode. The latter is provided for direct connection of a photodiode.
More detailed information can be found in section 4.3.
FID DIGITAL / ANALOG STAGE The FID pin can be set to the Digital CMOS Mode or Analog Voltage Input
Mode. In Slave Mode, it is set to CMOS operation; in Master Mode, it works in Analog Mode and
functions as the input for the power fail comparator.
INPUT STAGE All digital inputs, except the oscillator pins, have high voltage capabilities and partial Schmitt
trigger and pull-up features. For more details, see section 4.4.
OUTPUT STAGE All digital output stages, except for the oscillator pins, have high voltage capabilities and are
implemented as NMOS open-drain buffers. Each pin can sink up to 10mA of current.
3.2. General Operational Modes
The ASI4U/ ASI4U-E/ASI4U-F provides two main operational modes and two additional sub-operational modes.
The two main operation modes are Slave Mode and Master Mode. Sub-operation modes are Repeater Mode and
Monitor Mode. The latter were derived from Master Mode for providing different output signals at the Parameter
Port.
The active operational mode is selected by programming the Master_Mode and Repeater_Mode flags in the
“Firmware Area” block of the EEPROM (also see Table 3.4). The EEPROM is read at every initialization of the IC.
Online mode switching is not provided. Table 3.1 gives the bit configurations for the operational modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com