Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727B Datasheet(PDF) 6 Page - STMicroelectronics

Part # A6727B
Description  Automotive single-phase PWM controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button A6727B Datasheet HTML 2Page - STMicroelectronics A6727B Datasheet HTML 3Page - STMicroelectronics A6727B Datasheet HTML 4Page - STMicroelectronics A6727B Datasheet HTML 5Page - STMicroelectronics A6727B Datasheet HTML 6Page - STMicroelectronics A6727B Datasheet HTML 7Page - STMicroelectronics A6727B Datasheet HTML 8Page - STMicroelectronics A6727B Datasheet HTML 9Page - STMicroelectronics A6727B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
4
Device description
The A6727B is a single-phase PWM controller with embedded high-current drivers that provides complete control
logic and protection to realize a general DC-DC step-down converter.
Designed to drive N-channel MOSFETs in a synchronous buck topology, with its high level of integration, this
8-pin device allows a reduction of cost and size of the power supply solution.
The A6727B is designed to operate from a 5 V to 12 V supply bus. Thanks to the high precision 0.8 V internal
reference, the output voltage can be precisely regulated as low as 0.8 V with ±1.5 % accuracy over temperature
variations. The switching frequency is internally set to 300 kHz.
This device provides a simple control loop with a voltage-mode error amplifier.
The error amplifier features a 15 MHz gain-bandwidth product and 8 V/µs slew rate, allowing high regulator
bandwidth for fast transient response.
To avoid load damages, the A6727B provides overcurrent protection as well as overvoltage, undervoltage and
feedback disconnection protection.
When the device is supplied from 5 V, overcurrent trip threshold is programmable by a simple resistor.
Output current is monitored through low-side MOSFET RDS(on), saving the use of expensive and space-
consuming sense resistor. Output voltage and feedback disconnection are monitored through FB pin.
The A6727B implements soft-start by increasing the internal reference from 0 V to 0.8 V in 5.1 ms (typ.) in closed
loop regulation.
Low-side-less feature allows the device to perform the soft-start over pre-biased output avoiding high-current
return through the output inductor and dangerous negative spikes at the load side.
A6727B
Device description
DS14159 - Rev 2
page 6/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com