Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727B Datasheet(PDF) 24 Page - STMicroelectronics

Part # A6727B
Description  Automotive single-phase PWM controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727B Datasheet(HTML) 24 Page - STMicroelectronics

Back Button A6727B Datasheet HTML 18Page - STMicroelectronics A6727B Datasheet HTML 19Page - STMicroelectronics A6727B Datasheet HTML 20Page - STMicroelectronics A6727B Datasheet HTML 21Page - STMicroelectronics A6727B Datasheet HTML 22Page - STMicroelectronics A6727B Datasheet HTML 23Page - STMicroelectronics A6727B Datasheet HTML 24Page - STMicroelectronics A6727B Datasheet HTML 25Page - STMicroelectronics A6727B Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
List of tables
Table 1.
Pin description...................................................................... 3
Table 2.
Thermal data....................................................................... 3
Table 3.
Absolute maximum ratings ............................................................. 4
Table 4.
ESD performance ................................................................... 4
Table 5.
Electrical characteristics (VCC = 12 V; TA = - 40 °C to 125 °C, unless otherwise specified.) ................. 5
Table 6.
SO-8 mechanical data ............................................................... 19
Table 7.
SO-8 tape and reel mechanical data...................................................... 20
Table 8.
Ordering information................................................................. 21
Table 9.
Document revision history ............................................................. 22
A6727B
List of tables
DS14159 - Rev 2
page 24/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com