Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727B Datasheet(PDF) 13 Page - STMicroelectronics

Part # A6727B
Description  Automotive single-phase PWM controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button A6727B Datasheet HTML 9Page - STMicroelectronics A6727B Datasheet HTML 10Page - STMicroelectronics A6727B Datasheet HTML 11Page - STMicroelectronics A6727B Datasheet HTML 12Page - STMicroelectronics A6727B Datasheet HTML 13Page - STMicroelectronics A6727B Datasheet HTML 14Page - STMicroelectronics A6727B Datasheet HTML 15Page - STMicroelectronics A6727B Datasheet HTML 16Page - STMicroelectronics A6727B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Compensation goal is to close the control loop assuring high DC regulation accuracy, good dynamic
performances and stability. To achieve this, the overall loop needs high DC gain, high bandwidth and good phase
margin.
The loop bandwidth (F0dB) can be fixed choosing the right RF/RFB ratio, however, it should not exceed FSW/2p. To
achieve a good phase margin, the control loop gain has to cross 0 dB axis with -20 dB/decade slope.
Figure 9 shows an asymptotic bode plot of a type III compensation.
Figure 9. Example of type III compensation.
Gain
[dB]
Log (Freq)
0dB
open loop
EA gain
closed
loop gain
compensation
gain
open loop
converter gain
F
LC
F
ESR
F
Z1 FZ2
F
P1
F
P2
20 log (R
F /RFB)
20 log (V
IN /∆VOSC )
F
0dB
AM16773v1
•
Open loop converter singularities:
a)
FLC= 1
2π L⋅COUT
(5)
b)
FESR= 1
2π⋅COUT⋅ESR
•
Compensation network singularity frequencies are:
a)
FZ1= 12π⋅RF⋅CF
(6)
b)
FZ2= 1
2π⋅ RFB+RS ⋅CS
c)
FP1= 1
2π⋅RF⋅ CF⋅CP
CF+CP
d)
FP2= 12π⋅RS⋅CS
A6727B
Compensation network
DS14159 - Rev 2
page 13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com