Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727B Datasheet(PDF) 2 Page - STMicroelectronics

Part # A6727B
Description  Automotive single-phase PWM controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727B Datasheet(HTML) 2 Page - STMicroelectronics

  A6727B Datasheet HTML 1Page - STMicroelectronics A6727B Datasheet HTML 2Page - STMicroelectronics A6727B Datasheet HTML 3Page - STMicroelectronics A6727B Datasheet HTML 4Page - STMicroelectronics A6727B Datasheet HTML 5Page - STMicroelectronics A6727B Datasheet HTML 6Page - STMicroelectronics A6727B Datasheet HTML 7Page - STMicroelectronics A6727B Datasheet HTML 8Page - STMicroelectronics A6727B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
1
Typical application circuit and block diagram
1.1
Application circuit
Figure 1. Typical application circuit
HS
LS
VIN = 1.5 V to 19 V (**)
L
COUT
Vout
LOAD
CHF
CBULK
RD
CSN
RSN
CBOOT
RgHS
RgLS
D
1
2
8
BOOT
UGATE
PHASE
LGATE
4
CDEC
FB
6
RFB
COMP /
DIS / OC
7
RF
CF
CP
GND
VCC
ROS
VCC = 5 V to 12 V
ROCSET
(*)
5
3
A6727B Reference schematic
(**) Up to 12 V with Vcc > 5 V
(*) ROCSET not to be connected when VCC > 5 V
1.2
Block diagram
Figure 2. Block diagram
BOOT
LGATE
UGATE
GND
HS
LS
VCC
ERROR
AMPLIFIER
+
-
0.8V
300 kHz
OSCILLATOR
PWM
PHASE
CONTROL LOGIC
& PROTECTIONS
CURRENT READ
& OCP
DISABLE
A6727B
A6727B
Typical application circuit and block diagram
DS14159 - Rev 2
page 2/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com