Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727B Datasheet(PDF) 3 Page - STMicroelectronics

Part # A6727B
Description  Automotive single-phase PWM controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727B Datasheet(HTML) 3 Page - STMicroelectronics

  A6727B Datasheet HTML 1Page - STMicroelectronics A6727B Datasheet HTML 2Page - STMicroelectronics A6727B Datasheet HTML 3Page - STMicroelectronics A6727B Datasheet HTML 4Page - STMicroelectronics A6727B Datasheet HTML 5Page - STMicroelectronics A6727B Datasheet HTML 6Page - STMicroelectronics A6727B Datasheet HTML 7Page - STMicroelectronics A6727B Datasheet HTML 8Page - STMicroelectronics A6727B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
2
Pin description and connection diagram
Figure 3. Pin connection (top view)
1
2
3
4
VCC
FB
COMP / DIS / OC
PHASE
LGATE
GND
UGATE
BOOT
5
6
7
8
A6727B
Table 1. Pin description
Pin n°
Symbol
Function
1
BOOT
HS driver supply. Connect through a capacitor (100 nF) to the floating node (LS drain) pin and provide
necessary bootstrap diode.
2
UGATE
HS driver output. Connect to HS MOSFET gate.
3
GND
All internal references, logic and drivers are connected to this pin. Connect to the PCB ground plane.
4
LGATE
LS driver output. Connect to LS MOSFET gate.
5
VCC
Device and LS driver power supply.
Operative range from 4.1 V to 13.2 V. Filter with at least 1 μF MLCC to GND.
6
FB
Error amplifier inverting input. Connect to the output regulated voltage through a resistor RFB. Additional
resistor ROS to GND may be used to regulate voltages higher than the reference.
7
COMP / DIS/OC
COMP. Error amplifier output. Connect to FB through an RF - CF // CP to compensate the control loop.
DIS. The device can be disabled by forcing this pin lower than 0.5 V (typ.).
To disable the device, the external pull-down overcomes 10 mA of COMP output current for about 15 ms.
Once disabled, COMP output current drops to 0.1 mA.
OC. Overcurrent threshold set. Connect to VCC through an ROCSET resistor (only if VCC is supplied by 5 V
bus) to program OC threshold.
When VCC > 5 V, ROCSET needs to be not-connected.
8
PHASE
HS driver return path, current reading and adaptive deadtime monitor. Connect to the LS drain to sense
RDS(on) drop to measure the output current.This pin is also used by the adaptive deadtime control circuitry
to monitor when HS MOSFET is off.
2.1
Thermal data
Table 2. Thermal data
Symbol
Parameter
Value
Unit
Rth(JA)
Thermal resistance junction-to-ambient (1)
85
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-40 to 150
°C
TJ
Junction temperature range
-40 to 150
°C
1. The component is mounted on a 2S2P board in free air (6.7 cm x 6.7 cm, 35 μm (P) and 17.5 μm (S) copper thickness).
A6727B
Pin description and connection diagram
DS14159 - Rev 2
page 3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com