Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXMNT/EF Datasheet(PDF) 46 Page - STMicroelectronics

Part # M95P16-IXMNT/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXMNT/EF Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M95P16-IXMNT/EF Datasheet HTML 42Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 43Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 44Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 45Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 46Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 47Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 48Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 49Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
Table 22. Capacitance
Symbol
Parameter
Test conditions (1)
Min
Max
Unit
COUT
Output pins capacitance
VOUT = 0 V
-
8
pF
CIN
Input capacitance (D)
VIN = 0 V
-
6
1. Specified by design, not tested in production.
Table 23. DC characteristics - Current consumption - M95P16-I
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ICC1
Standby supply current
S = VCC; TA = 25 °C
VIN = VSS or VCC; 1.6 V ≤ VCC ≤ 3.6 V
-
16
35
µA
S = VCC; TA = 85 °C
VIN = VSS or VCC; 1.6 V ≤ VCC ≤ 3.6 V
-
35(1)
40(1)
ICC2
Deep power-down current
S = VCC; TA = 25 °C
VIN = VSS or VCC; VCC = 1.8 V
-
0.6
1
S = VCC; TA = 25 °C
VIN = VSS or VCC; VCC = 3.6 V
-
1.5
2
S = VCC; TA = 85 °C
VIN = VSS or VCC; VCC = 1.8 V
-
0.6(1)
2.0(1)
S = VCC; TA = 85 °C
VIN = VSS or VCC; VCC = 3.6 V
-
1.5(1)
3.0(1)
ICC3
Read current single
10 MHz
Q open
-
0.8(1)
1.5(1)
mA
Read current dual
-
0.8(1)
2.0(1)
Read current quad
-
0.9(1)
2.0(1)
Read current single
20 MHz
-
1.0
2.0
Read current dual
-
1.2
2.0
Read current quad
-
1.5
3.0
Read current single
50 MHz
-
1.5(1)
3.0(1)
Read current dual
-
1.8(1)
3.0(1)
Read current quad
-
2.0(1)
3.0(1)
Read current single
80 MHz
-
2.0
3.0
Read current dual
-
2.5
4.0
Read current quad
-
3.0
5.0
ICC4(1)
Page program current
S = VCC, no polling
Averaged on execution time
-
2.0
3.0
ICC5(1)
Write status current
-
1.5
3.0
ICC6(1)
Page write current
-
1.5
3.0
ICC7(1)
Page erase current
-
1.0
3.0
ICC8(1)
Sector/block erase current
-
2.0
3.0
ICC9(2)
Chip erase current
-
10
25
1. Evaluated by characterization, not tested in production.
2. Specified by design, not tested in production.
M95P16-I M95P16-E
DC and AC parameters
DS13710 - Rev 1
page 46/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com