Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXMNT/EF Datasheet(PDF) 23 Page - STMicroelectronics

Part # M95P16-IXMNT/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXMNT/EF Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M95P16-IXMNT/EF Datasheet HTML 19Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 20Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 21Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 22Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 23Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 24Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 25Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 26Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
6.3
Read Status register (05h)
The Read Status register (RDSR) instruction is used to read this 8-bit register, whose content is described in
Section 5.1 Status register. The instruction is entered by driving S low and shifting the instruction code 05h into
the D pin on the rising edge of C. The register bits are then shifted out (MSB first) on the Q pin, on the falling edge
of C, as shown in Figure 9.
Figure 9. Read status register
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
High impedance
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
C
D
S
Q
RDSR instruction
Status register content
Status register content
MS55401V1
This instruction can be used at any time, even while a Program, Erase or Write Status register cycle is in
progress. The WIP status bit can be checked to determine when the cycle is complete, and if the device is
ready to accept another instruction. The Status register can be read continuously in loop mode. The instruction is
completed by driving S high.
6.4
Read Configuration and Safety registers (15h)
The Read Configuration and Safety registers (RDCR) instruction reads the two Configuration and Safety register
bytes (one for each register). It is sent without an address, and the device first outputs the Configuration register
byte, followed by the Safety register byte, in loop mode.
The instruction is entered by driving S low, and shifting the instruction code 15h into the D pin on the rising edge
of C. The Configuration and Safety register bit values are then shifted out (MSB first) on the Q pin, on the falling
edge of C as shown in Figure 10. The Configuration and Safety registers can be read continuously.
The instruction is completed by driving S high.
Figure 10. Read Configuration and Safety registers
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
High impedance
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
C
D
S
Q
RDCR instruction
Configuration byte
Safety byte
MS55402V1
The content of Configuration and Safety registers is described in Section 5.2 Configuration and Safety register
format.
M95P16-I M95P16-E
Read Status register (05h)
DS13710 - Rev 1
page 23/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com