Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXMNT/EF Datasheet(PDF) 5 Page - STMicroelectronics

Part # M95P16-IXMNT/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXMNT/EF Datasheet(HTML) 5 Page - STMicroelectronics

  M95P16-IXMNT/EF Datasheet HTML 1Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 2Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 3Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 4Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 5Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 6Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 7Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 8Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
2
Memory
2.1
Block diagram
The device (see Figure 3) contains the memory array, the registers, the identification pages, the high voltage, and
the decoding blocks.
The memory array is divided into 4096 erasable pages of 512 bytes.
The PEC (program erase controller) executes all the algorithms, managing the correct execution of erase and
program operations. It improves the cycling and data retention performance, and keeps erase and program times
at the typical value during the whole product operating life.
A Deep power down mode is available to minimize the power consumption (switching OFF the circuitry of several
internal blocks). In this configuration, the current consumption is reduced to ICC2 (see Table 23. DC characteristics
- Current consumption - M95P16-I and Table 24. DC characteristics - Current consumption - M95P16-E).
Figure 3. Block diagram
Memory array
Registers
Identification pages
Sense amps + Decoder Y
Pads
Program, erase and read controller + PEC
SPI
Power
mgmt
OFF in Deep power down
M95P16-I M95P16-E
Memory
DS13710 - Rev 1
page 5/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com