Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXMNT/EF Datasheet(PDF) 41 Page - STMicroelectronics

Part # M95P16-IXMNT/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXMNT/EF Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M95P16-IXMNT/EF Datasheet HTML 37Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 38Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 39Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 40Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 41Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 42Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 43Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 44Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
7
Power-up/down
7.1
Power-up/down
Figure 34. Power-up timing
VCC (max)
VCC (min)
VPOR
V
Time
Chip select low not allowed
Device fully accessible
tVSL
Reset state
Figure 35. Power-down timing
VCC (max)
VCC (min)
VPOR
V
Time
Chip select low not allowed
Device fully accessible
tPWD
tVSL
Table 14. Power-up/down conditions
Parameter
Symbol
Min
Max
Unit
Power-up
VCC(min) to S low(1)
tVSL
30(2)
-
µs
Power-on reset voltage(1)
VPOR
1.1
1.45
V
Power-down
Power-down time for reset(1)
tPWD
10
-
µs
Power-on reset voltage(1)
VPOR
1.1
1.45
V
1. Evaluated by characterization, not tested in production.
2. The WIP bit can be monitored after TVSL has elapsed (WIP = 1 at power-up and before tVSL = 30 µs).
M95P16-I M95P16-E
Power-up/down
DS13710 - Rev 1
page 41/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com