Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXMNT/EF Datasheet(PDF) 20 Page - STMicroelectronics

Part # M95P16-IXMNT/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXMNT/EF Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M95P16-IXMNT/EF Datasheet HTML 16Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 17Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 18Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 19Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 20Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 21Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 22Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 23Page - STMicroelectronics M95P16-IXMNT/EF Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
Table 10. Volatile register format
b7
b6
b5
b4
b3
b2
b1
b0
x
x(1)
x(1)
x(1)
x(1)
x(1)
BUFEN
BUFLD
1. x: Don't care bit.
Buffer loading activation (BUFEN) bit
This Buffer mode is activated by setting the volatile configuration bit (BUFEN) to 1 with a WREN + WRVR
instruction.
When this bit is set to 1, it allows Page program instruction decoding and buffering while a previous Program
instruction is executing. When this bit is at 0, a Page program instruction is not decoded while the program is
being executed. At power-up, or after Software reset instruction, this flag is cleared to 0.
Buffer loading status (BUFLD) bit
When this bit is at 0, the buffer is free and accepts the loading of a new Page program instruction. When this bit is
at 1, the buffer is full and a Page program instruction is discarded and lost.
This bit:
•
is set to 1 at power up
•
switches to 0 when BUFEN is set to 1
•
is automatically set to 1 when BUFEN is 0
5.4
SFDP register format
The device features a 512-byte serial flash discoverable parameter (SFDP) register that contains information
about device configuration, available instructions, and other features, in a standard set of internal parameter
tables.
These parameter tables can be interrogated by host-system software, enabling the adjustments needed to
accommodate divergent features from multiple vendors.
The Read SFDP register instruction is compatible with the SFDP standard and with the JEDEC standard
JESD216.
M95P16-I M95P16-E
SFDP register format
DS13710 - Rev 1
page 20/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com