Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXCST/EF Datasheet(PDF) 49 Page - STMicroelectronics

Part # M95P16-IXCST/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXCST/EF Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M95P16-IXCST/EF Datasheet HTML 45Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 46Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 47Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 48Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 49Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 50Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 51Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 52Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
Symbol
Parameter (test conditions specified in Table 18 and
Table 19)
1.6 V ≤ VCC ≤ 3.6 V
Unit
Min
Max
tHHCH
ns
HOLD not active time before clock high
5
-
tSHQZ(2)
Output disable time
-
8
tCLQV(2)
Clock low to output valid
Load 30 pF
-
10 (4)
ns
tCLQX(2)
Output hold time
1
-
tHHQV(2)(3)
HOLD high to output valid
Load 30 pF
-
14(5)
tHHQX(2)
HOLD high to output low/high-Z
Load 30 pF
1
-
tHLQZ(2)
HOLD low to output high-Z
-
8
tWHSL(2)
Write protect setup time
10
-
tSHWL(2)
Write protect hold time
10
-
1. tCH + tCL must never be less than the shortest possible clock period, that is 1/fC(max).
2. Evaluated by characterization, not tested in production.
3. With default buffer strength (DRV1, DRV0 = 1, 1).
4. 14 ns with VCC ≤ 2.6 V.
5. tHHQV = tCLQV + 4 ns, independently from buffer strength.
Table 28. tCLQV characteristics versus buffer strength
Symbol
Parameter (test conditions specified
in Table 18 and Table 19)
Buffer
strenght
Maximum value
Unit
1.6 V ≤ VCC ≤ 2.6 V
2.6 V < VCC ≤ 3.6 V
tCLQV(1)
Clock low to
output valid
Load 30 pF
High
10
Do not use
ns
Medium
20
11
Low
30
15
1. Evaluated by characterization, not tested in production.
Figure 37. Serial input timing
C
D
S
MSB IN
Q
tDVCH
High impedance
LSB IN
tSLCH
tCHDX
tCLCH
tSHCH
tSHSL
tCHSH
tCHSL
tCH
tCL
tCHCL
tSHWL
tWHSL
W
MS69213
M95P16-I M95P16-E
DC and AC parameters
DS13710 - Rev 1
page 49/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com