Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXCST/EF Datasheet(PDF) 39 Page - STMicroelectronics

Part # M95P16-IXCST/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXCST/EF Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M95P16-IXCST/EF Datasheet HTML 35Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 36Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 37Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 38Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 39Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 40Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 41Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 42Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
6.21
Deep power-down enter (B9h)
The Deep power-down enter (DPD) instruction puts the device in a very low consumption state, in which a limited
number of commands are available. This instruction is initiated by driving S low and shifting the instruction code
B9h into the D pin. The S pin must be held low for the whole length of the instruction. Pin S must be driven high
after the eighth bit has been latched, otherwise the instruction is not executed. After S is driven high, the device
enters in Deep power-down state after a delay of tDPD (see Table 15. Deep power-down conditions).
The instruction sequence is shown in Figure 31.
Figure 31. Deep power-down enter
0
1
2
3
4
5
6
7
Current
DPD instruction
tDPDSL
C
D
S
Standby current (ICC1)
Deep power-down current (ICC2)
MS54399V2
tDPD
While in Deep power-down state, only the Deep power-down release and Reset instructions (which restore
the device to normal operation) are recognized. The device is always in normal operation on power-up, with a
standby current of ICC1.
Refer to Table 15. Deep power-down conditions for the values of tDPD and tDPDSL.
6.22
Deep power-down release (ABh)
This instruction (RDPD) releases the device from Deep power-down state, putting it into Standby mode state.
The instruction is initiated by driving S low, and shifting the instruction code ABh into the D pin. The S pin must
be held low for the full length of the instruction. Pin S must be driven high after the eighth bit has been latched,
otherwise the instruction is not executed. After S is driven high, if the device is in Deep power-down mode,
the transition to Standby power mode is delayed by tRDPD, and S must remain high for at least tRDPSL(max),
as specified in Table 15. Deep power-down conditions). Once in Standby power mode, the device waits to be
selected, so that it can receive, decode, and execute instructions.
The RDPD instruction sequence is shown in Figure 32.
Figure 32. Deep power-down release
0
1
2
3
4
5
6
7
Current
C
D
S
Deep power-down current (ICC2)
RDPD instruction
Standby current (ICC1)
tRDPDSL
MS55492V2
Refer to Table 15. Deep power-down conditions for tDPD and tRDPDSL.
M95P16-I M95P16-E
Deep power-down enter (B9h)
DS13710 - Rev 1
page 39/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com