Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXCST/EF Datasheet(PDF) 28 Page - STMicroelectronics

Part # M95P16-IXCST/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXCST/EF Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M95P16-IXCST/EF Datasheet HTML 24Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 25Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 26Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 27Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 28Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 29Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 30Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 31Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
6.11
Fast read dual output with one dummy byte (3Bh)
The Fast read dual output with one dummy byte (FDREAD) instruction is similar to the Fast read single output
with one dummy byte (0Bh) instruction, except that data is output on pins DQ1 and DQ0. This allows the data to
be transferred at the highest possible frequency of fC (see Table 27. AC characteristics - Other parameters).
The instruction is initiated by driving the S pin low, then shifting the instruction code 3Bh followed by a 24-bit
address (A23-A0) into the D pin, and finally adding eight dummy clock cycles, as shown in Figure 18. The code
and address bits are latched on the rising edge of the C pin. After the eight dummy clock cycles are received, the
data byte of the addressed memory location is shifted out (MSB first) on the DQ1 and DQ0 pins (every two bits
interleave on the two I/O pins), on the falling edge of C.
The address is automatically incremented to the next higher address after each data byte is shifted out, so the
whole memory can be read out with a Fast read dual instruction. The address counter rolls over to 0 after the
highest address is reached. The instruction is completed by driving the S pin high. During the dummy clock
cycles, the data value on the D pin is Don't care, and the Q pin is high-Z.
Figure 18. Fast read dual output with one dummy byte
0
1
2
3
4
5
6
7
8
9
10
29
30
31
A23
A22
A21
A2
A1
A0
High impedance
C
D-DQ0
Q-DQ1
S
FDREAD instruction
24-bit address
MS55470V1
Dummy clock cycles
Data Out 2
Data Out 1
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
Q6
Q4
Q2
Q0
Q6
Q4
Q2
Q0
Q7
Q5
Q3
Q1
Q7
Q5
Q3
Q1
M95P16-I M95P16-E
Fast read dual output with one dummy byte (3Bh)
DS13710 - Rev 1
page 28/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com