Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXCST/EF Datasheet(PDF) 24 Page - STMicroelectronics

Part # M95P16-IXCST/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXCST/EF Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M95P16-IXCST/EF Datasheet HTML 20Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 21Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 22Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 23Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 24Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 25Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 26Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 27Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
6.5
Clear Safety register (50h)
The Clear Safety register (CLRSF) instruction resets all the bits of the Safety register.
This instruction is entered (without address) by driving S low, shifting the instruction code 50h into the Data input
(D) pin on the rising edge of C. The instruction is completed by driving S high.
As soon as S goes high, the device resets immediately all volatile bits of the Safety register.
The S pin must be driven high after the eighth bit has been latched. If this is not done the instruction is not
executed.
Figure 11. Clear Safety register
CLRSF instruction
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
High impedance
C
D
Q
S
MS54397V1
6.6
Read Volatile register (85h)
The Read Volatile register (RDVR) instruction is used to read the 8-bit Volatile register.
The instruction is entered by driving S low and shifting the instruction code 35h into the D pin on the rising edge
of C. The volatile register bits are then shifted out (MSB first) on the Q pin, on the falling edge of C. The Volatile
register can be read continuously, as shown in Figure 12. Read Volatile register. The instruction is completed by
driving S high.
The Read Volatile register instruction can be used at any time, even while a Program, Erase or Write Status
register cycle is in progress.
Refer to Status, Configurable, Safety, Volatile and SFDP registers for the register description.
Figure 12. Read Volatile register
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
High impedance
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
C
D
S
Q
RDVR instruction
Volatile byte
Volatile byte
MS55403V1
M95P16-I M95P16-E
Clear Safety register (50h)
DS13710 - Rev 1
page 24/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com