Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-IXCST/EF Datasheet(PDF) 2 Page - STMicroelectronics

Part # M95P16-IXCST/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-IXCST/EF Datasheet(HTML) 2 Page - STMicroelectronics

  M95P16-IXCST/EF Datasheet HTML 1Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 2Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 3Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 4Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 5Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 6Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 7Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 8Page - STMicroelectronics M95P16-IXCST/EF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
Advanced features
•
ECC for high memory reliability (DEC, TED)
•
Schmitt trigger inputs for noise filtering
•
Output buffer programmable strength
•
Operating status flags for ISO26262
•
Software reset
•
Write protection by block, with top/bottom option
•
Unique ID upon request
•
Electronic identification
•
Supports SFDP (serial flash discoverable parameters) mode
•
JEDEC standard manufacturer identification
Package
•
ECOPACK2 (RoHS compliant) and halogen-free packages:
–
DFN8 2 x 3 mm
–
SO8N
–
WLCSP8
ESD protection
•
HBM (human body model): 2000 V
M95P16-I M95P16-E
DS13710 - Rev 1
page 2/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com