Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-EXCS/EF Datasheet(PDF) 45 Page - STMicroelectronics

Part # M95P16-EXCS/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-EXCS/EF Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M95P16-EXCS/EF Datasheet HTML 41Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 42Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 43Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 44Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 45Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 46Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 47Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 48Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
10
DC and AC parameters
This section summarizes the operating conditions and the DC/AC characteristics.
Table 18. Operating conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
1.6
3.6
V
TA
Ambient operating temperature (industrial range)
-40
85
°C
Ambient operating temperature (extended range)
-40
105
Table 19. AC measurement conditions
Symbol
Parameter
Min
Max
Unit
-
Input rise/fall time
-
5
ns
-
Input waveforms levels
0.1 VCC
0.9 VCC
V
-
Input timing reference levels
0.3 VCC
0.7 VCC
-
Output timing reference level
0.5 VCC
Cbus
Capacitive load on output pins (CL)
-
30 or 100
pF
Figure 36. AC measurement levels
0.9 VCC
0.1 VCC
0.5 VCC
Input waveform and timing
reference levels
Output timing reference level
0.7 VCC
0.3 VCC
MS69253V1
Table 20. Cycling performance by pages
Symbol
Parameter
Test conditions
Min
Max
Unit
Ncycle
Write cycle endurance
–40 °C ≤ TA ≤ 85 °C, (1)
VCC(min) < VCC < VCC(max)
-
500000
Write cycle (2)
-
Chip erase endurance
-
100
Cycle
1. –40 °C ≤ TA ≤ 105 °C for extended range.
2. A Write cycle is executed when either a Page write, a Page erase, a Page program, a WRSR or a WRID is decoded. When
using the Page write or the WRID instruction, refer also to Section 4.11 ECC.
Table 21. Memory cell data retention
Parameter
Test conditions
Min
Unit
Data retention (1)
TA = 40 °C
100
Year
Data retention after cycling (after 500 kcycles)
10
1. The data retention behavior is checked in production, while the 100-year limit is defined from characterization and
qualification results.
M95P16-I M95P16-E
DC and AC parameters
DS13710 - Rev 1
page 45/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com