Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-EXCS/EF Datasheet(PDF) 15 Page - STMicroelectronics

Part # M95P16-EXCS/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-EXCS/EF Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M95P16-EXCS/EF Datasheet HTML 11Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 12Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 13Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 14Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 15Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 16Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 17Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 18Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
4.12
Data protection and protocol control
The device features the following data protection mechanisms:
•
Power on reset and an internal timer (tPUW) can provide protection against inadvertent changes while the
power supply is outside the operating specification.
•
Before accepting the execution of the Program, Write and Erase and Write status register instructions, the
device checks whether the number of clock pulses comprising the instructions is a multiple of eight.
•
For any instruction to be accepted, and executed, Chip select (S) must be driven high after the rising edge
of the Serial clock (C) for the last bit of the instruction, and before the next rising edge of the Serial clock
(C).
•
All instructions that modify data must be preceded by a Write enable (WREN) instruction to set the write
enable latch (WEL) bit.
•
The block protection (BP2, BP1 and BP0) and TB bits in the Status register are used to configure part of
the memory as read-only.
•
The Write protect (W) signal is used to protect the block protection (BP2, BP1, BP0) and TB bits in the
Status register in conjunction with SRWD bit.
In addition to the low power consumption feature, the Deep power-down mode offers extra software protection: all
program and erase commands are ignored when the device is in this mode.
4.12.1
Memory protection scheme
The memory can be configured as read-only using the block protection (BP2, BP1, BP0) and TB bits, as shown in
Table 4. Refer to Section 5.1 Status register for more information on the BPn bits.
Table 4. Protected area sizes
TB
BP2
BP1
BP0
Protected block(s)
Protected addresses
Protected size(1)
Protected portion
X
0
0
0
None
None
None
None
0
0
0
1
31
1F0000h – 1FFFFFh
64 KB
Upper 1/32
0
0
1
0
30 and 31
1E0000h – 1FFFFFh
128 KB
Upper 1/16
0
0
1
1
28 → 31
1C0000h – 1FFFFFh
256 KB
Upper 1/8
0
1
0
0
24 → 31
180000h – 1FFFFFh
512 KB
Upper 1/4
0
1
0
1
16 → 31
100000h – 1FFFFFh
1 MB
Upper 1/2
1
0
0
1
0
000000h – 00FFFFh
64 KB
Lower 1/32
1
0
1
0
0 and 1
000000h – 01FFFFh
128 KB
Lower 1/16
1
0
1
1
0 → 3
000000h – 03FFFFh
256 KB
Lower 1/8
1
1
0
0
0 → 7
000000h – 07FFFFh
512 KB
Lower 1/4
1
1
0
1
0 → 15
000000h – 0FFFFFh
1 MB
Lower 1/2
1
1
1
0
0 → 31
000000h – 1FFFFFh
2 MB
All
X
1
1
1
0 → 31
000000h – 1FFFFFh
2 MB
All
1. The device is ready to accept ERASE commands only if all block protect bits (BP2, BP1, BP0) are set to 0.
M95P16-I M95P16-E
Data protection and protocol control
DS13710 - Rev 1
page 15/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com