Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-EXCS/EF Datasheet(PDF) 38 Page - STMicroelectronics

Part # M95P16-EXCS/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-EXCS/EF Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M95P16-EXCS/EF Datasheet HTML 34Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 35Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 36Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 37Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 38Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 39Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 40Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 41Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
6.20
Read SFDP (5Ah)
The Read SFDP (RDSFDP) instruction is used to read the SFDP register format.
This instruction is initiated by driving the S pin low and shifting the instruction code 5Ah, followed first by a 24-bit
address (A23-A0) into the D pin, then by eight additional dummy clock cycles. The code and address bits are
latched on the rising edge of the C pin. After the eight dummy clocks are received, the data byte of the SFDP
register is shifted out (MSB first) on the Q pin, on the falling edge of C. The address is automatically incremented
to the next higher address after each data byte is shifted out, thus enabling a continuous stream of data. This
means that the whole SFDP register (512 bytes) can be accessed with a single instruction, as long as the clock
continues to cycle. The instruction is completed by driving S high. During the dummy clock cycles the data value
on the D pin is Don't care and the Q pin is high-Z.
The read SFDP sequence is shown in Figure 30.
Figure 30. Read SFDP
0
1
2
3
4
5
6
7
8
9
10
11
29
30
31
C
D
A23 A22 A21
A2
A1
A0
Q
High impedance
S
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
High impedance
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
C
D
Q
S
RDSFDP instruction
24-bit address
Data out 1
Data out 2
Dummy
MS69280V1
M95P16-I M95P16-E
Read SFDP (5Ah)
DS13710 - Rev 1
page 38/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com