Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-EXCS/EF Datasheet(PDF) 10 Page - STMicroelectronics

Part # M95P16-EXCS/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-EXCS/EF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M95P16-EXCS/EF Datasheet HTML 6Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 7Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 8Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 9Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 10Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 11Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 12Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 13Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
3.6
Write protect (W-DQ2)
This pin is a CMOS input with no internal pull-up/down, and an output push-pull buffer. The main purpose of this
signal is to freeze the size of the area of memory protected against Write instructions (as specified by the values
in the BPn and TB bits of the Status register).
This pin must be driven either high or low, and must be stable during all Write instructions. It supports dual and
quad output read (see Section 4.3 and Section 4.4).
With the fast read quad output command, the Write protect pin (W-DQ2) becomes an output pin, after the last bit
of the third address bytes of the command. In conjunction with other pins, this allows four bits of data on DQ2 to
be clocked-in on every falling edge of SCK.
For consistency with the SPI nomenclature, this pin is referred to as W, unless specifically addressing the Quad
output mode, in which case it is referred to as DQ2.
3.7
VCC (VCC, supply voltage)
VCC is the device core power supply.
3.8
VSS (VSS, ground)
VSS is the reference for all signals, including the VCC supply voltage.
M95P16-I M95P16-E
Write protect (W-DQ2)
DS13710 - Rev 1
page 10/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com