Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95P16-EXCS/EF Datasheet(PDF) 17 Page - STMicroelectronics

Part # M95P16-EXCS/EF
Description  Ultra low power 16 Mbit serial SPI page EEPROM with dual and quad outputs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95P16-EXCS/EF Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M95P16-EXCS/EF Datasheet HTML 13Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 14Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 15Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 16Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 17Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 18Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 19Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 20Page - STMicroelectronics M95P16-EXCS/EF Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
5
Status, Configurable, Safety, Volatile and SFDP registers
These registers provide:
•
the status of the availability and the setting of the memory array
•
the status of the output buffer strength
•
the status of the device after power up and ECC bit detection.
The Write Status/configuration register instructions can be used to configure the device write protection features.
5.1
Status register
The Status register can be read with the RDSR instruction in loop mode. The nonvolatile bits SRWD, TB, BP2,
BP1, and BP0 can be changed with the WRSR instruction when sending a data byte. The MSB (b7) is sent first.
Table 6. Status register format
b7
b6
b5
b4
b3
b2
b1
b0
SRWD
TB
x(1)
BP2
BP1
BP0
WEL
WIP
1. x: Don't care bit.
Status register write protect (SRWD) bit
The nonvolatile Status register write disable (SRWD) bit is used in conjunction with the write protect (W) signal.
The Status register write disable (SRWD) bit and Write protect (W) signals enable the device to be put into
Hardware protected mode (when the Status register write disable (SRWD) bit is set to 1, and Write protect
(W) is driven low). In this mode, the nonvolatile bits of the Status register (SRWD, BP2, BP1, BP0 and TB)
become read-only bits, and the Write status register (WRSR) instruction is no longer accepted for execution. The
protection modes are described in Table 5. Protection modes.
Top / bottom protection (TB) bit
The nonvolatile Top/Bottom bit (TB) controls whether the block protection bits (BP2, BP1, BP0) protect from the
top (TB = 0) or from the bottom (TB = 1) of the array, as shown in Table 4. Protected area sizes. The factory
default setting is TB = 0. TB bit can be set with the Write Status register instruction, depending on the state of the
SRWD and WEL bits.
Block protection (BP2, BP1, BP0) bits
These are nonvolatile read/write bits in the Status register, which provide Write protection control and status.
All, none, or a portion of the memory array can be protected from Program and Erase instructions (see
Table 4. Protected area sizes). The factory default setting for the block protection bits is 0 (array unprotected).
The block protection bits can be set using the Write Status register instruction.
Write enable latch (WEL) bit
This is a read-only bit in the Status register, which is set to 1 after executing a Write enable instruction. The WEL
status bit is cleared to 0 when the device is Write disabled. A Write disable state occurs upon power-up, or after
correct completion of any of the following instructions: Write disable, Write, Page program, Sector erase, Block
erase, Chip erase, Write Status register.
Write in progress (WIP) bit
This is a read-only bit in the Status register, set to 1 when:
•
the device is executing a modify operation. During this time, the device ignores further instructions except
for the Read Status register. When the Program, Write, Erase or Write status/configuration register
instruction has completed, the WIP bit is cleared to 0, indicating that the device is ready for further
instructions.
•
the device is in power-up (see Table 14. Power-up/down conditions).
M95P16-I M95P16-E
Status, Configurable, Safety, Volatile and SFDP registers
DS13710 - Rev 1
page 17/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com