Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0002 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 80KSW0002
Description  16-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0002 Datasheet(HTML) 3 Page - Renesas Technology Corp

  80KSW0002 Datasheet HTML 1Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 2Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 3Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 4Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 5Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 6Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 7Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 8Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
IDT80KSW0002
Datasheet
CPS-16 Datasheet
47
April 6, 2016
5 Applications
Central switch based wireless processing
Figure 2 Application Overview
Note: The CPS-16 provides direct support for backplane connections using the serial RapidIO standard. The addition of an appropriate bridge (e.g.,
CPRI
 sRIO) allows for further backplane flexibility, accommodating designs based on a wide range of standards such as CPRI, OBSAI, GbE or
PCIe.
In a macro wireless station, a switch-based raw data combination and distribution architecture is widely adopted. Switch based architecture provides
high flexibility and high resource efficiency. The raw data from the Radio Unit is distributed to one or more processing cards by unicast or multicast.
Aggregating raw data from processing cards to a buffer-less chain can be done by a fast non-blocking switch.
Media Gateway and general processing
Note: The CPS-16 provides direct support for backplane connections using the serial RapidIO standard.
Though SAR and RTP is usually processed by NP/Processor, DSP is more efficient for TDM conversion and compression. A low jitter switch enables
the full utilization of DSP processing power. Priority support, fast switching, and multicasting will differentiate class of traffic to provide QoS.
6 Functional Overview
IDT’s CPS-16 is optimized for either board-level DSP/ASIC cluster applications or module-level distributed processing application. Up to 16 serial
RapidIO ports fully meet the standard V1.3 specification. The physical lanes may be configured to work at 3.125Gbps, 2.5Gbps or 1.25Gbps and in
short haul or long haul.
The CPS-16 switch has a sustained 40Gbps bandwidth. Also three major options exist within this category:
a. Multicast: If a Multicast ID is received, the CPS-16 performs a multicast as defined by the device’s configurable sRIO multicast
mask registers. Also optional for broadcast.
b. Unicast: All other operations are performed as specified in sRIO.
c.
Maintenance packets: As specified in sRIO.
The CPS-16 supports a “Store and Forward” and an optional “Cut Through” packet forward methodology. Refer to “CPS-16 User Manual” for details.
The CPS-16 can be programmed through a CPU or a DSP connected to one of the sRIO ports of the device or with a CPU connected to an I2C or
JTAG bus. It can also work along with a I2C configuration memory. This option is added to allow the CPS-16 to work in “remote stand alone” mode.
80 K S W 0002
S er i a l R api dI O
DS P
DS P
CP U
To / Fr o m
T D M bas ed
To / Fr o m
IP b a s e d
WA N / P u b l i c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com