Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0002 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # 80KSW0002
Description  16-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0002 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button 80KSW0002 Datasheet HTML 33Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 34Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 35Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 36Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 37Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 38Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 39Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 40Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
IDT80KSW0002
Datasheet
CPS-16 Datasheet
47
April 6, 2016
At recommended operating conditions with VDD3 = 2.5V ± 100mV
Table 32 JTAG DC Electrical Specifications (VDD3 = 2.5V ± 100mV )
JTAG AC Electrical Specifications(2,3,4)
Table 33 JTAG AC Electrical Specifications
NOTES:
1. Guaranteed by design.
2. Refer to AC Electrical Test Conditions stated earlier in this document.
3. JTAG operations occur at one speed (10MHz). The base device may run at any speed specified in this
datasheet.
Parameter
Symbol
Min
Max
Unit
2.5V Supply Voltage
VDD3
2.4
2.6
V
Ground
VSS
0
0
V
Input high voltage level
VIH
1.7
VDD3(max) + 0.1
V
Input low voltage level
VIL
-0.3
0.7
V
Output Low Voltage (IOL = 2mA, VDD3 = Min.)
VOL
-
0.4
V
Output High Voltage (IOH = -2mA, VDD3 =
Min.)
VOH
2.0
-
V
Input current for JTAG pins (input voltage is
between 0.1 x VDD3 and 0.9 x VDD3 (max)
ILI
-30
30
uA
Capacitance for each Input pin
CIN
-
8
pF
Capacitance for each I/O or Output pin
COUT
-
10
pF
80KSW0002
Symbol
Parameter
Min.
Max.
Units
tJCYC
JTAG Clock Input Period
100
____
ns
tJCH
JTAG Clock HIGH
40
____
ns
tJCL
JTAG Clock Low
40
____
ns
tJR
JTAG Clock Rise Time
____
3(1)
ns
tJF
JTAG Clock Fall Time
____
3(1)
ns
tJRST
JTAG Reset
50
____
ns
tJRSR
JTAG Reset Recovery
50
____
ns
tJCD
JTAG Data Output
____
25
ns
tJDC
JTAG Data Output Hold
0
____
ns
tJS
JTAG Setup
15
____
ns
tJH
JTAG Hold
15
____
ns
5686 tbl 02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com