Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0002 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 80KSW0002
Description  16-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0002 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 80KSW0002 Datasheet HTML 14Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 15Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 16Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 17Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 18Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 19Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 20Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 21Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
IDT80KSW0002
Datasheet
CPS-16 Datasheet
47
April 6, 2016
At recommended operating conditions with VDD3 = 2.5V ± 100mV
Table 13 IRQ Electrical Specifications (VDD3 = 2.5V ± 100mV)
Figure 13 IRQ Timing Diagram
The IRQ pin is an open-drain driver. IDT recommends a weak pull-up resistor (2-10k Ohm) be placed on this pin to VDD3. The IRQ pin goes active low
when any special error filter error flag is set, and is cleared when all error flags are reset. Please refer to the device user’s manual for full detail.
15 Serial RapidIO Ports
Overview
The CPS-16’s SERDES are in full compliance to the RapidIO AC specifications for the LP-Serial physical layer [5]. This section provides those
specifications for reference. The electrical specifications cover both single and multiple-lane links. Two transmitters (short run and long run) and a
single receiver are specified for each of three baud rates, 1.25, 2.50, and 3.125 GBaud.
Two transmitter specifications allow for solutions ranging from simple chip-to-chip interconnect to driving two connectors across a backplane. A single
receiver specification is given that will accept signals from both the short run and long run transmitter specifications.
The short run transmitter setting should be used mainly for chip-to-chip connections on either the same printed circuit board or across a single
connector. This covers the case where connections are made to a mezzanine (daughter) card. The minimum swings of the short run specification
reduce the overall power used by the transceivers.
The long run transmitter specifications use larger voltage swings that are capable of driving signals across backplanes. This allows a user to drive
signals across two connectors and a backplane. The CPS-16 can drive beyond the specification distance of at least 50 cm at all baud rates. Please
use IDT’s Simulation Kit IO models to determine reach and signal quality for a given PCB design.
Parameter
Symbol
Min
Max
Unit
Low level output voltage (IOL = 2mA, VDD3 =
Min.)
VOL
0
0.4
V
Output fall time from VIH(min) to VIL(max) with a
bus capacitance from 10pF to 400pF
tOF
-
25
ns
Input current each I/O pin (input voltage is
between 0.1 x VDD3 and 0.9 x VDD3 (max))
II
-10
10
uA
Capacitance for IRQ
CI
-
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com