Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80KSW0002 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 80KSW0002
Description  16-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

80KSW0002 Datasheet(HTML) 1 Page - Renesas Technology Corp

  80KSW0002 Datasheet HTML 1Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 2Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 3Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 4Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 5Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 6Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 7Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 8Page - Renesas Technology Corp 80KSW0002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
CPS-16 Datasheet
47
April 6, 2016
1 Device Overview
The CPS-16, device number IDT80KSW0002, is a serial RapidIO (sRIO) switch
whose functionality is central to routing packets for distribution among DSPs,
processors, FPGAs, other switches, or any other sRIO-based devices. It may
also be used in serial RapidIO backplane switching. The CPS-16 supports serial
RapidIO packet switching (unicast, multicast, and an optional broadcast) from
any of its 16 input ports to any of its 16 output ports.
2 Features
?
Interfaces - sRIO
– 16 bidirectional serial RapidIO (sRIO) lanes v 1.3
– Port Speeds selectable: 3.125Gbps, 2.5Gbps, or 1.25Gbps
– All lanes support short haul or long haul reach for each PHY speed
– Configurable port count to up to sixteen 1x ports, four 4x ports, or
combinations of 1x and 4x ports (ex. twelve 1x ports and one 4x port)
– Lanes can be configured as individual non-redundant 1x ports, as
part of a redundant 1x port, or as part of a 4x port
– Support for two separate port rates for each quad
– Supports standard 4 levels of priority
– Error management support
?
Interfaces - I2C
– Provides I2C port for maintenance and error reporting
– Master or Slave Operation
– Master allows power-on configuration from external ROM
– Master mode configuration with external image compressing and
checksum
?
Performance
– 40 Gbps of peak switching bandwidth
– Non-blocking data flow architecture within each sRIO priority
– Very low latency for all packet length and load condition
– Internal queuing buffer and retransmit buffer
– Standard receiver based physical layer flow control
?
Features
– Configurable for Cut Through or Store And Forward data flow
– Device configurable through any of sRIO ports, I2C, or JTAG
– Packet Trace. Each port provides the ability to match the first 160 bits
of any packet against up to 4 programmable comparison values to
copy the packet to a programmable output trace port
– Packet Filter. Each port also provides the ability to filter the packet
based on comparisons against these same 4 programmable values
mentioned above.
– Supports up to 10 simultaneous multicast masks
– Broadcast support
– Port Loopback Debug Feature
– Software assisted error recovery, supporting hot swap
– Ports may be individually turned off to reduce power
– PMON counters for monitor and diagnostics. Per input port and
output port counters.
– SerDes physical diagnostic registers
– Embedded PRBS generation and detection with programmable poly-
nomials support Bit Error Rate (BER) testing
– 0.13um technology
– Low power dissipation
– Full JTAG Boundary Scan Support (IEEE1149.1 & 1149.6)
– Package: 324-ball grid array, 19mm x 19mm, 1.0mm ball pitch
3 Block Diagram
Figure 1 Block diagram
Main ten ance
&
E rro r
Man age men t
Co nfigu r atio n
JTAG
I
2 C
Serial RapidIO 2.0 Switch
CPS-16
Ln0
Ln1
Ln2
Ln3
Ln5
Ln6
Ln7
Ln4
Ln8
Ln9
Ln10
Ln11
Ln13
Ln14
Ln15
Ln12
Datasheet
80KSW0002
16-Port Serial RapidIO®
Switch


Similar Part No. - 80KSW0002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
80KSW0004 RENESAS-80KSW0004 Datasheet
1Mb / 48P
12-Port Serial RapidIO® Switch
March 31, 2008
80KSW0005 RENESAS-80KSW0005 Datasheet
1Mb / 50P
10-Quad RapidIO® Switch
January 18, 2011
80KSW0005BR RENESAS-80KSW0005BR Datasheet
1Mb / 50P
10-Quad RapidIO® Switch
January 18, 2011
80KSW0005BRI RENESAS-80KSW0005BRI Datasheet
1Mb / 50P
10-Quad RapidIO® Switch
January 18, 2011
More results

Similar Description - 80KSW0002

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70K2000 IDT-70K2000 Datasheet
114Kb / 2P
Serial RapidIO Pre-Processing Switch for DSP Clusters
CPS-1848 IDT-CPS-1848 Datasheet
107Kb / 1P
IDT Serial RapidIO Switch Feature ComparisonChart
CPS-1616 IDT-CPS-1616 Datasheet
1,021Kb / 77P
16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
logo
Renesas Technology Corp
CPS-12 RENESAS-CPS-12 Datasheet
1Mb / 48P
12-Port Serial RapidIO® Switch
March 31, 2008
CPS-8 RENESAS-CPS-8 Datasheet
920Kb / 48P
8-Port Serial RapidIO® Switch
March 31, 2008
89HPES16H16 RENESAS-89HPES16H16 Datasheet
472Kb / 37P
16-Lane 16-Port PCI Express® Switch
October 3, 2011
80KSW0005 RENESAS-80KSW0005 Datasheet
1Mb / 50P
10-Quad RapidIO® Switch
January 18, 2011
CPS-1432 RENESAS-CPS-1432 Datasheet
1Mb / 80P
14-Port, 32-Lane, 160Gbps, Gen2 RapidIO Switch
June 26, 2017
CPS-1616 RENESAS-CPS-1616 Datasheet
1Mb / 78P
16-Port, 16-Lane, 80Gbps, Gen2 RapidIO Switch
June 26, 2017
CPS-1848 RENESAS-CPS-1848 Datasheet
1Mb / 85P
18-Port, 48-Lane, 240Gbps, Gen2 RapidIO Switch
March 15, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com